Electronic Components Datasheet Search
  English  ▼

X  

UP03390 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # UP03390
Description  Silicon NPN epitaxial planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP03390 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  UP03390 Datasheet HTML 1Page - Panasonic Semiconductor UP03390 Datasheet HTML 2Page - Panasonic Semiconductor UP03390 Datasheet HTML 3Page - Panasonic Semiconductor UP03390 Datasheet HTML 4Page - Panasonic Semiconductor UP03390 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UP03390
3
SJJ00293AED
Characteristics charts of Tr1
IC  VCE
VCE(sat)  IC
hFE  IC
Cob  VCB
IO  VIN
VIN  IO
012
210
48
6
Collector-emitter voltage V
CE (V)
0
140
120
100
80
60
40
20
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.9 mA
0.8 mA
0.1
1
10
100
Collector current I
C (mA)
10
1
102
10−1
10−2
10−3
IC / IB
= 10
Ta
= 85°C
25
°C
−25°C
Collector current IC (mA)
1
10
100
0
350
200
250
300
150
100
50
Ta
= 85°C
25
°C
−25°C
VCE
= 10 V
0
0.5
1
1.5
2
0
102030
2.5
40
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
102
103
104
105
10−3
10−1
VO
= 0.2 V
Ta
= 25°C
Input voltage V
IN (V)
10−2
10−4
10−1
Output current I
O (mA)
2 000
04 000
6 000
8 000
10 000
10−3
10−2
VO
= 5 V
Ta
= 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com