Electronic Components Datasheet Search
  English  ▼

X  

UPC2714T Datasheet(PDF) 2 Page - NEC

Part # UPC2714T
Description  LOW POWER CONSUMPTION SILICON MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2714T Datasheet(HTML) 2 Page - NEC

  UPC2714T Datasheet HTML 1Page - NEC UPC2714T Datasheet HTML 2Page - NEC UPC2714T Datasheet HTML 3Page - NEC UPC2714T Datasheet HTML 4Page - NEC UPC2714T Datasheet HTML 5Page - NEC UPC2714T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
PIN
Input Power
dBm
-5
PT
Total Power Dissipation2
mW
200
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 50 x 50 x 1.6 mm epoxy glass PWB (TA = 85
°C).
TYPICAL PERFORMANCE CURVES (TA = 25°C)
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
3.06
3.4
3.74
UPC2714T, UPC2715T
-40
0
40
80
10
8
6
4
2
VCC = 3.4V
Temperature, TOP (
°C)
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
Supply Voltage, VCC (V)
UPC2714T/UPC2715T
CIRCUIT CURRENT vs. VOLTAGE
UPC2714T/UPC2715T
CIRCUIT CURRENT vs. TEMPERATURE
UPC2714T
GAIN AND NOISE FIGURE vs. FREQUENCY
Frequency, f (GHz)
Frequency, f (GHz)
UPC2715T
GAIN AND NOISE FIGURE vs. FREQUENCY
0.1
0.3
1.0
2.0
25
20
15
10
5
0
VCC = 3.74 V
VCC = 3.4 V
VCC = 3.06 V
VCC = 3.06 V
VCC = 3.4 V
VCC = 3.74 V
6
5
4
0.1
0.3
1.0
2.0
30
20
10
0
-10
9
7
5
3
1
VCC = 3.74V
VCC = 3.74V
VCC = 3.4V
VCC = 3.4V
VCC = 3.06V
VCC = 3.06V
Gp
NF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com