Electronic Components Datasheet Search
  English  ▼

X  

DSB15IM45IB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSB15IM45IB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSB15IM45IB Datasheet(HTML) 2 Page - IXYS Corporation

  DSB15IM45IB Datasheet HTML 1Page - IXYS Corporation DSB15IM45IB Datasheet HTML 2Page - IXYS Corporation DSB15IM45IB Datasheet HTML 3Page - IXYS Corporation DSB15IM45IB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSB15IM45IB
preliminary
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
0.59
R
1.75 K/W
R
min.
15
VRSM
V
5
T
= 25°C
VJ
T
=
°C
VJ
mA
50
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
130
P
tot
70
W
T
= 25°C
C
R
K/W
15
45
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
0.83
T
= 25°C
VJ
100
V
F0
V
0.31
T
=
°C
VJ
150
rF
15.5
mΩ
V
0.55
T
=
°C
VJ
I =
A
F
V
15
0.80
I =
A
F
30
I =
A
F
30
threshold voltage
slope resistance
for power loss calculation only
mA
125
VRRM
V
45
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
497
junction capacitance
V =
V
5
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
150
340
A
45
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Schottky
45
0.50
IXYS reserves the right to change limits, conditions and dimensions.
20131030a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com