Electronic Components Datasheet Search
  English  ▼

X  

PLA160 Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA160
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA160 Datasheet(HTML) 3 Page - IXYS Corporation

  PLA160 Datasheet HTML 1Page - IXYS Corporation PLA160 Datasheet HTML 2Page - IXYS Corporation PLA160 Datasheet HTML 3Page - IXYS Corporation PLA160 Datasheet HTML 4Page - IXYS Corporation PLA160 Datasheet HTML 5Page - IXYS Corporation PLA160 Datasheet HTML 6Page - IXYS Corporation PLA160 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA160
www.ixysic.com
3
R07
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
Typical LED Forward Voltage Drop
(N=50)
35
30
25
20
15
10
5
0
2.34
2.38
2.42
2.46
2.50
LED Forward Voltage Drop (V)
Turn-On Time ( s)
19
21
23
25
27
29
31
0
5
10
15
20
25
Turn-On Time Distribution
(N=50, I
F=10mA, IL=50mA)
Turn-Off Time ( s)
38
40
42
44
46
48
0
5
10
15
20
25
30
Turn-Off Time Distribution
(N=50, I
F=10mA, IL=50mA)
Typical I
F for Switch Operation
(N=50, I
L=50mADC)
1.1
1.5
0.9
1.3
1.7
1.9
LED Current (mA)
30
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, I
L=50mADC)
30
25
20
15
10
5
0
1.1
1.5
0.9
1.3
1.7
1.9
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=50mADC)
35
30
25
20
15
10
5
0
60
62
64
65
61
63
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
18
16
14
12
10
8
6
4
2
0
335
345
355
365
340
350
Blocking Voltage (V
P)
360
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
-40
3.6
3.2
2.8
2.4
2.0
1.6
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
LED Current (mA)
0
1020
304050
5
10
15
20
25
30
35
40
45
Typical Turn-On Time
vs. LED Forward Current
(V
L=10V, IL=50mA)
LED Current (mA)
0
1020
30
4050
38
40
42
44
46
48
50
Typical Turn-Off Time
vs. LED Forward Current
(V
L=10V, IL=50mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com