Electronic Components Datasheet Search
  English  ▼

X  

PLA170 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA170
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA170 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA170 Datasheet HTML 1Page - IXYS Corporation PLA170 Datasheet HTML 2Page - IXYS Corporation PLA170 Datasheet HTML 3Page - IXYS Corporation PLA170 Datasheet HTML 4Page - IXYS Corporation PLA170 Datasheet HTML 5Page - IXYS Corporation PLA170 Datasheet HTML 6Page - IXYS Corporation PLA170 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA170-R04
1
PLA170
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA170
6-Pin DIP (50/tube)
PLA170S
6-Pin Surface Mount (50/tube)
PLA170STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
800
V
P
Load Current
AC/DC Configuration
100
mA
rms / mADC
DC Configuration
180
mA
DC
On-Resistance (max)
AC/DC Configuration
50
DC Configuration
14
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 800V
P Blocking Voltage
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Approvals
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
PLA170 is a single-pole, normally open (1-Form-A)
Solid State Relay that uses optically coupled MOSFET
technology to provide an enhanced input-to-output
isolation of 3750V
rms.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Designed to replace electromechanical relays, the
PLA170 offers the superior reliability associated
with solid state devices, and provides bounce-free
switching in a more compact surface mount or
thru-hole package.


Similar Part No. - PLA170

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA170 CLARE-PLA170 Datasheet
625Kb / 5P
Single Pole OptoMOS Relay
PLA170S CLARE-PLA170S Datasheet
625Kb / 5P
Single Pole OptoMOS Relay
PLA170STR CLARE-PLA170STR Datasheet
625Kb / 5P
Single Pole OptoMOS Relay
More results

Similar Description - PLA170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com