Electronic Components Datasheet Search
  English  ▼

X  

PLA192 Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA192
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA192 Datasheet(HTML) 3 Page - IXYS Corporation

  PLA192 Datasheet HTML 1Page - IXYS Corporation PLA192 Datasheet HTML 2Page - IXYS Corporation PLA192 Datasheet HTML 3Page - IXYS Corporation PLA192 Datasheet HTML 4Page - IXYS Corporation PLA192 Datasheet HTML 5Page - IXYS Corporation PLA192 Datasheet HTML 6Page - IXYS Corporation PLA192 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA192
www.ixysic.com
3
R07
PERFORMANCE DATA (@ 25ºC Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.25
1.26
1.27
1.28
1.29
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mADC )
1.7
1.9
2.1
1.6
1.8
2.0
Turn-On Time (ms)
0
5
10
15
25
20
30
35
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mADC )
0.26
0.32
0.38
0.35
0.29
0.23
Turn-Off Time (ms)
35
30
25
20
15
10
5
0
LED Current (mA)
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0
5
10
15
20
25
30
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance ( )
13.1
13.2
13.3
13.4
13.5
13.6
0
5
10
15
20
25
30
35
40
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=150mA)
On-Resistance ( )
4.05
4.10
4.15
4.20
4.25
4.30
0
5
10
15
20
25
30
DC-Only On-Resistance Distribution
(N=50, I
F=5mA, IL=220mA)
Typical Blocking Voltage Distribution
(N=50)
30
25
20
15
10
5
0
710
730
750
700
720
740
Blocking Voltage (V
P)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
Forward Current (mA)
0
1020
304050
355
356
357
358
359
360
361
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com