Electronic Components Datasheet Search
  English  ▼

X  

PLA193STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA193STR
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA193STR Datasheet(HTML) 3 Page - IXYS Corporation

  PLA193STR Datasheet HTML 1Page - IXYS Corporation PLA193STR Datasheet HTML 2Page - IXYS Corporation PLA193STR Datasheet HTML 3Page - IXYS Corporation PLA193STR Datasheet HTML 4Page - IXYS Corporation PLA193STR Datasheet HTML 5Page - IXYS Corporation PLA193STR Datasheet HTML 6Page - IXYS Corporation PLA193STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA193
www.ixysic.com
3
R06
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA (@25ºC Unless Otherwise Noted)*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA)
LED Current (mA)
0
1020
304050
0.326
0.328
0.330
0.332
0.334
0.336
0.338
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=5mA
I
F=10mA
LED Forward Voltage Drop (V)
1.230
1.235
1.240
1.245
1.250
1.255
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mADC)
Turn Off Time (ms)
0.246
0.273
0.300
0.327
0.354
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mADC)
LED Current (mA)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=100mADC)
On-Resistance ( )
25.50 25.75 26.00 26.25 26.50 26.75 27.00
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=100mADC)
Blocking Voltage (V
P)
680
685
690
695
700
705
710
715
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com