Electronic Components Datasheet Search
  English  ▼

X  

ADF4153A Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4153A
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153A Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4153A Datasheet HTML 9Page - Analog Devices ADF4153A Datasheet HTML 10Page - Analog Devices ADF4153A Datasheet HTML 11Page - Analog Devices ADF4153A Datasheet HTML 12Page - Analog Devices ADF4153A Datasheet HTML 13Page - Analog Devices ADF4153A Datasheet HTML 14Page - Analog Devices ADF4153A Datasheet HTML 15Page - Analog Devices ADF4153A Datasheet HTML 16Page - Analog Devices ADF4153A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADF4153A
Rev. A | Page 13 of 24
U3
POWER-DOWN
0
NORMAL OPERATION
1
POWER-DOWN
U4
LDP
0
1
24 PFD CYCLES
40 PFD CYCLES
U5
PD POLARITY
0
NEGATIVE
1
POSITIVE
U2
CP THREE-STATE
0
DISABLED
1
THREE-STATE
U1
COUNTER RESET
0
DISABLED
ENABLED
1
REFERENCE
DOUBLER
U6
0
DISABLED
1
ENABLED
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (0)
U1
U2
U3
U4
U5
CP0
CP1
CP2
U6
S1
S2
S3
S4
CONTROL
BITS
CP CURRENT
SETTING
RESYNC
DB15
CP3
S4
S3
S2
S1
RESYNC
0
1
1
0
0
2
0
1
3
.
.
.
.
.
.
.
.
.
1
1
13
1
0
14
1
0
0
0
.
.
.
1
1
1
0
1
1
.
.
.
0
1
1
1
15
ICP (mA)
CP3
CP2
CP1
CP0
3.0kΩ
4.7kΩ
10kΩ
0
0.979
0.625
0.294
0
1.958
1.250
0.588
0
2.938
1.875
0.881
0
3.917
2.500
1.175
0
4.896
3.125
1.469
0
5.875
3.750
1.763
0
6.854
4.375
2.056
0
7.833
5.000
2.350
1
0.490
0.313
0.147
1
0.979
0.625
0.294
1
1.469
0.938
0.441
1
1.958
1.250
0.588
1
2.448
1.563
0.734
1
2.938
1.875
0.881
1
3.427
2.188
1.028
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
3.917
2.500
1.175
Figure 19. Control Register Map (R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com