Electronic Components Datasheet Search
  English  ▼

X  

ADF4153ABCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADF4153ABCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153ABCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF4153ABCPZ Datasheet HTML 11Page - Analog Devices ADF4153ABCPZ Datasheet HTML 12Page - Analog Devices ADF4153ABCPZ Datasheet HTML 13Page - Analog Devices ADF4153ABCPZ Datasheet HTML 14Page - Analog Devices ADF4153ABCPZ Datasheet HTML 15Page - Analog Devices ADF4153ABCPZ Datasheet HTML 16Page - Analog Devices ADF4153ABCPZ Datasheet HTML 17Page - Analog Devices ADF4153ABCPZ Datasheet HTML 18Page - Analog Devices ADF4153ABCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADF4153A
Rev. A | Page 15 of 24
N DIVIDER REGISTER, R0
With R0[1, 0] set to [0, 0], the on-chip N divider register
is programmed. Figure 17 shows the input data format for
programming this register.
9-Bit INT Value
These nine bits control what is loaded as the INT value. This is
used to determine the overall feedback division factor. It is used
in Equation 1 (see the INT, FRAC, MOD, and R Relationship
section).
12-Bit FRAC Value
These 12 bits control what is loaded as the FRAC value into
the fractional interpolator. This is part of what determines the
overall feedback division factor. It is also used in Equation 1.
The FRAC value must be less than or equal to the value loaded
into the MOD register.
Fastlock
When set to logic high, fastlock is enabled. This sets the charge
pump current to its maximum value. When set to logic low, the
charge pump current is equal to the value programmed into the
function register. Also, if MUXOUT is programmed to setting
the fastlock switch, MUXOUT is shorted to ground when the
fastlock bit is 1 and is high impedance when this bit is 0.
R DIVIDER REGISTER, R1
With R1[1, 0] set to [0, 1], the on-chip R divider register is
programmed. Figure 18 shows the input data format for
programming this register.
Load Control
When set to logic high, the value being programmed in the
modulus is not loaded into the modulus. Instead, it sets the
resync delay of the Σ-Δ. This is done to ensure phase resync
when changing frequencies. See the Phase Resync section for
more information and a worked example.
MUXOUT
The on-chip multiplexer is controlled by DB22, DB21, and
DB20 on the ADF4153A. See Figure 18 for the truth table.
Digital Lock Detect
The digital lock detect output goes high if there are 24 succes-
sive PFD cycles with an input error of less than 15 ns (for LDP
is 0, see the Control Register, R2 section for a more thorough
explanation of the LDP bit). It stays high until a new channel is
programmed or until the error at the PFD input exceeds 30 ns
for one or more cycles. If the loop bandwidth is narrow compared
to the PFD frequency, the error at the PFD inputs may drop
below 15 ns for 24 cycles around a cycle slip. Therefore, the
digital lock detect may go falsely high for a short period until
the error again exceeds 30 ns. In this case, the digital lock detect
is reliable only as a loss-of-lock detector.
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the INT,
FRAC, and MOD counters, determines the overall division
ratio from the RFIN to the PFD input.
Operating at CML levels, it takes the clock from the RF input
stage and divides it down for the counters. It is based on a
synchronous 4/5 core. When set to 4/5, the maximum RF
frequency allowed is 2 GHz. Therefore, when operating the
ADF4153A above 2 GHz, this must be set to 8/9. The prescaler
limits the INT value.
With P = 4/5, NMIN = 31.
With P = 8/9, NMIN = 91.
4-Bit R Counter
The 4-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock
to the phase frequency detector (PFD). Division ratios from
1 to 15 are allowed.
12-Bit Interpolator MOD Value
These programmable bits set the fractional modulus. This is the
ratio of the PFD frequency to the channel step resolution on the
RF output. Refer to the RF Synthesizer: A Worked Example
section for more information.
The ADF4153A programmable modulus is double buffered.
This means that two events have to occur before the part uses
a new modulus value. First, the new modulus value is latched
into the device by writing to the R divider register. Second,
a new write must be performed on the N divider register.
Therefore, any time that the modulus value has been updated,
the N divider register must then be written to in order to ensure
that the modulus value is loaded correctly.
CONTROL REGISTER, R2
With R2[1, 0] set to [1, 0], the on-chip control register
is programmed. Figure 19 shows the input data format for
programming this register.
RF Counter Reset
DB2 is the RF counter reset bit for the ADF4153A. When this
is 1, the RF synthesizer counters are held in reset. For normal
operation, this bit should be 0.
RF Charge Pump Three-State
DB3 puts the charge pump into three-state mode when
programmed to 1. It should be set to 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com