Electronic Components Datasheet Search
  English  ▼

X  

ADF4169 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4169
Description  Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4169 Datasheet(HTML) 3 Page - Analog Devices

  ADF4169 Datasheet HTML 1Page - Analog Devices ADF4169 Datasheet HTML 2Page - Analog Devices ADF4169 Datasheet HTML 3Page - Analog Devices ADF4169 Datasheet HTML 4Page - Analog Devices ADF4169 Datasheet HTML 5Page - Analog Devices ADF4169 Datasheet HTML 6Page - Analog Devices ADF4169 Datasheet HTML 7Page - Analog Devices ADF4169 Datasheet HTML 8Page - Analog Devices ADF4169 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADF4169
Rev. 0 | Page 3 of 36
SPECIFICATIONS
AVDD = VP = 2.7 V to 3.45 V, DVDD = SDVDD = 1.9 V, AGND = DGND = SDGND = CPGND = 0 V, fPFD = 130 MHz, TA = TMIN to TMAX,
dBm referred to 50 Ω, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency, RFIN
0.5
13.5
GHz
−10 dBm minimum to 0 dBm maximum; for
lower frequencies, ensure a slew rate ≥
400 V/μs
Prescaler Output Frequency
2
GHz
For higher frequencies, use 8/9 prescaler
REFERENCE CHARACTERISTICS
REFIN Input Frequency
10
260
MHz
−5 dBm minimum to +9 dBm maximum
biased at 1.9/2 (ac coupling ensures 1.9/2
bias); for frequencies < 10 MHz, use a dc-
coupled, CMOS-compatible square wave
with a slew rate > 25 V/μs
Reference Doubler Enabled
10
50
MHz
Bit DB20 in Register R2 set to 1
REFIN Input Capacitance
1.2
pF
REFIN Input Current
±100
μA
PHASE FREQUENCY DETECTOR, PFD
Phase Detector Frequency, fPFD2
130
MHz
CHARGE PUMP (CP)
ICP Sink/Source Current
Programmable
High Value
4.8
mA
RSET = 5.1 kΩ
Low Value
300
μA
Absolute Accuracy
2.5
%
RSET = 5.1 kΩ
RSET Range
4.59
5.1
5.61
kΩ
ICP Three-State Leakage Current
1
nA
Sink and source current
Sink and Source Matching
2
%
0.5 V < VCP < VP − 0.5 V
ICP vs. VCP
2
%
0.5 V < VCP < VP − 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
Input Voltage High, VINH
1.17
V
Input Voltage Low, VINL
0.4
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS
Output Voltage High, VOH
DVDD − 0.4
V
CMOS output selected
Output Voltage Low, VOL
0.3
V
IOL = 500 μA
Output High Current, IOH
100
μA
POWER SUPPLIES
AVDD
2.7
3.45
V
DVDD, SDVDD
1.8
2
V
VP
2.7
3.45
V
AIDD
26
40
mA
Supply current drawn by AVDD; fPFD = 130 MHz
DIDD
7.5
12
mA
Supply current drawn by DVDD; fPFD = 130 MHz
IP
5.5
7
mA
Supply current drawn by VP; fPFD = 130 MHz
Power-Down Mode
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com