Electronic Components Datasheet Search
  English  ▼

X  

ADF4196BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4196BCPZ
Description  Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4196BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4196BCPZ Datasheet HTML 17Page - Analog Devices ADF4196BCPZ Datasheet HTML 18Page - Analog Devices ADF4196BCPZ Datasheet HTML 19Page - Analog Devices ADF4196BCPZ Datasheet HTML 20Page - Analog Devices ADF4196BCPZ Datasheet HTML 21Page - Analog Devices ADF4196BCPZ Datasheet HTML 22Page - Analog Devices ADF4196BCPZ Datasheet HTML 23Page - Analog Devices ADF4196BCPZ Datasheet HTML 24Page - Analog Devices ADF4196BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADF4196
Rev. D | Page 21 of 28
MUX REGISTER (R6) LATCH MAP AND TRUTH TABLE
Figure 35. Bit Map and MUXOUT Truth Table for Register R6
R6, the mux register, is used to program MUXOUT, as well as
Σ-Δ and lock detect modes.
Control Bits
Register R6 is selected with C3, C2, and C1 set to 1, 1, 0.
Σ-Δ and Lock Detect Modes
Bit DB15 to Bit DB12 are used to reconfigure certain PLL
operating modes. In the initialization sequence after power is
applied to the chip, the four bits must first be programmed to
all zeros. This initializes the PLL to a known state with dither
off in the Σ-Δ modulator and a 3 ns PFD error threshold in the
lock detect circuit.
To turn on dither in the Σ-Δ modulator, an additional write should
be made to Register R6 to program Bits[DB15:DB12] = 0011.
However, for lowest noise operation, it is best to leave dither off.
To change the lock detect threshold from 3 ns to 10 ns, perform
a separate write to R6 to program Bits[DB15:DB12] = 1001.
This separate write is needed for reliable lock detect operation
when the RF frequency is <2 GHz.
A write to R6 that programs Bits[DB15:DB12] = 0000 returns
operation to the default state with both dither off and a 3 ns
lock detect threshold.
Reserved Bits
For normal operation, the reserved bits (Bits[DB11:DB7]) must
be set to 00001.
MUXOUT Modes
These bits control the on-chip multiplexer, Pin 16 (see Figure 35
for the truth table). This pin is useful for diagnosis because it
allows the user to look at various internal points of the chip,
such as the R divider and the INT divider outputs.
In addition, it is possible to monitor the programmed timeout
counter intervals on MUXOUT. For example, if the ICP timeout
counter is programmed to 65 (with a 26 MHz PFD), then
following the next write to R0, a pulse width of 10 μs is
observed on the MUXOUT pin.
Digital lock detect is available via the MUXOUT pin.
DB15
M13
DB14
M12
DB13
M11
DB12
M10
DB11
0
DB10
0
DB9
0
DB8
0
DB7
1
DB6
M4
DB5
M3
DB4
M2
DB3
M1
DB2
C3 (1)
DB1
C2 (1)
DB0
C1 (0)
RESERVED
MUXOUT
CONTROL
BITS
SIGMA-DELTA
AND
LOCK DETECT MODES
0
1
1
M10
0
1
0
M11
0
0
0
ALL OTHER STATES
M12
0
0
1
M13
INIT STATE, DITHER OFF,
3ns LOCK DETECT THRESHOLD
DITHER ON
10ns LOCK DETECT THRESHOLD
RESERVED
SIGMA-DELTA MODES
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
M4
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
M3
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
M2
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
M1
3-STATE
DIGITAL LOCK DETECT
N DIVIDER OUTPUT
LOGIC HIGH
R DIVIDER OUTPUT
RESERVED
SERIAL DATA OUTPUT
LOGIC LOW
R DIVIDER/2 OUTPUT
N DIVIDER/2 OUTPUT
RESERVED
RESERVED
ICP TIMEOUT SIGNAL
SW1/SW2 TIMEOUT SIGNAL
SW3 TIMEOUT SIGNAL
RESERVED
MUXOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com