Electronic Components Datasheet Search
  English  ▼

X  

HMC830LP6GE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC830LP6GE
Description  Fractional-N PLL with Integrated VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC830LP6GE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC830LP6GE Datasheet HTML 3Page - Analog Devices HMC830LP6GE Datasheet HTML 4Page - Analog Devices HMC830LP6GE Datasheet HTML 5Page - Analog Devices HMC830LP6GE Datasheet HTML 6Page - Analog Devices HMC830LP6GE Datasheet HTML 7Page - Analog Devices HMC830LP6GE Datasheet HTML 8Page - Analog Devices HMC830LP6GE Datasheet HTML 9Page - Analog Devices HMC830LP6GE Datasheet HTML 10Page - Analog Devices HMC830LP6GE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC830LP6GE
v03.0512
Fractional-n Pll with integrated Vco
25 - 3000 Mhz
Figure 14. integer Boundary Spur at 2500.2
Mhz[4]
-180
-160
-140
-120
-100
-80
-60
1
10
100
1000
10000
100000
OFFSET (kHz)
Figure 13. reference input Sensitivity
Sinusoid wave, 50 Ω[3]
200
205
210
215
220
225
230
235
-20
-15
-10
-5
0
5
14 MHz sin
25 MHz sin
50 MHz sq
100 MHz sq
REFERENCE POWER (dBm)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
OFFSET (kHz)
[3] Measured from a 50 Ω source with a 100 Ω external resistor termination. see PLL with integrated rF VCOs Operating guide reference input stage
section for more details. Full FOM performance up to maximum 3.3 Vpp input voltage.
[4] Fractional Mode in Mode B, integer Boundary at 2500 Mhz
[5] reF in = 100 Mhz, Pd = 800 khz, Output divider 4 selected, Loop Filter bandwidth = 16 khz, Channel spacing 200 khz
[6] exact Frequency Mode, reF in = 100 Mhz, Pd = 50 Mhz, Output divider 1 selected, Loop Filter bandwidth = 100 khz, Channel spacing = 100 khz
[7] exact Frequency Mode, Channel spacing = 100 khz, Fractional Mode B rF out = 2591 Mhz, reF in = 100 Mhz, Pd frequency = 50 Mhz, Output
divider 1 selected, Loop Filter bandwidth = 120 khz,
[8] Fractional Mode B rF out = 2591 Mhz, reF in = 100 Mhz, Pd frequency = 50 Mhz, Output divider 1 selected, Loop Filter bandwidth = 120 khz.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
OFFSET (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
OFFSET (kHz)
Figure 15. integer-nexactFrequencyMode
on Performance at 704 Mhz[5]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
OFFSET (kHz)
Figure 16. Fractional-n exact Frequency
Mode on Performance at 2113.5 Mhz[6]
Figure 17. Fractional-n exact Frequency
Mode on Performance at 2591 Mhz[7]
Figure 18. Fractional-n exact Frequency
Mode oFF Performance at 2591 Mhz[8]
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com