Electronic Components Datasheet Search
  English  ▼

X  

MP6539GV Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6539GV
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GV Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6539GV Datasheet HTML 7Page - Monolithic Power Systems MP6539GV Datasheet HTML 8Page - Monolithic Power Systems MP6539GV Datasheet HTML 9Page - Monolithic Power Systems MP6539GV Datasheet HTML 10Page - Monolithic Power Systems MP6539GV Datasheet HTML 11Page - Monolithic Power Systems MP6539GV Datasheet HTML 12Page - Monolithic Power Systems MP6539GV Datasheet HTML 13Page - Monolithic Power Systems MP6539GV Datasheet HTML 14Page - Monolithic Power Systems MP6539GV Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP6539 – 100V, THREE PHASE BLDC MOTOR PRE-DRIVER WITH HS & LS INPUTS
MP6539 Rev. 1.01
www.MonolithicPower.com
13
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
discharges slowly. This eventually results in
gate driver loss for the HS-FET.
To prevent this, an internal charge pump
generates a voltage to maintain the bootstrap
capacitor charge.
The bootstrap voltage is monitored by an
under-voltage detection circuit. If any bootstrap
voltage falls below the VBST UVLO voltage, the
part initiates a new power-up sequence.
Dead-Time Adjustment
To prevent shoot-through in any phase of the
bridge, it is necessary to insert a dead time
(tDEAD) between a high- or low-side turn-off and
the next complementary turn-on event. The
dead time for all three phases is set by a single
dead-time resistor (RDT) between DT and
ground using Equation (3):
tDEAD(µs) = 0.044*R(kΩ) + 0.1
(3)
If DT is tied to GND directly, an internal
minimum dead time of 30ns is applied. Leave
DT open to generate a 6µs dead time.
VREG and VIN UVLO Protection
If at any time the voltage on VREG falls below
the VREG UVLO threshold voltage, the outputs
are
disabled,
and
the
nFAULT
signal
is
asserted. Operation resumes with a bootstrap
refresh when VREG rises above the UVLO
threshold.
If the voltage on VIN falls below the VIN UVLO
threshold voltage, all circuitry in the device is
disabled,
and
the
internal
logic
is
reset.
nFAULT is not asserted. Operation resumes
when VREG rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, the
MP6539 enters a latched fault state similar to
an OCP event, and nFAULT is driven low. Only
nSLEEP or UVLO can unlatch the device from
an OTP fault lockout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com