Electronic Components Datasheet Search
  English  ▼

X  

VVB1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VVB1
Description  Half Size VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVB1 Datasheet(HTML) 1 Page - Vectron International, Inc

  VVB1 Datasheet HTML 1Page - Vectron International, Inc VVB1 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
1
VVB1/VVB2
Half Size VCXO
Package Option
B1=0.
5”x0.
5”x0.
2”14Hal
fSi
zeDI
P
B2=0.
5”x0.
5”x0.
2”14Hal
fSi
zeGul
lLeadedSur
f
aceMount
Frequency Range
1.0 to 40 MHz (Fundamental <80ps/pk-pk Jitter)
40 to 160 MHz uses a low jitter internal multiplier IC
(<150ps/pk-pk Jitter) which improves aging and pullability
but will also increase phase noise
Electrical Options
A = +5.0 Vdc
20% Linearity
B = +3.3 Vdc
20% Linearity
E = +5.0 Vdc
10% Linearity
F = +3.3 Vdc
10% Linearity
Voltage Control Range
1 =
50 PPM Minimum
Slope Positive
2 =
100 PPM Minimum
3 =
150 PPM Minimum
4 =
200 PPM Minimum
Stability Options
A =
100 PPM 0C to +70C
(Inclusive of Operating
B =
50 PPM
0C to +70C
Temperature, Supply
C =
100 PPM -40C to +85C
Voltage and Load)
D =
50 PPM
-40C to +85C
E =
25 PPM
0C to +70C
Calibration Tolerance
25 PPM at +25 2C at Center Voltage
Duty Cycle
40/60
Start-Up
20 ms Maximum
Aging
<5.0 PPM/First year at +40C dynamic A1 and A2 Package
Load
15 pF HCMOS or 5 TTL Maximum
Current
20 mA Maximum
20 MHz
40 mA Maximum
30MHz
50 mA Maximum >30MHz
STD Package
B1 Anti Static Tubes
B2 Tape & Reel 250 pcs/reel


Similar Description - VVB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM1500 ETC-LM1500 Datasheet
177Kb / 1P
Half Size Voltage Controlled Crystal Oscillator (VCXO)
logo
TEMEX
QEV4 TEMEX-QEV4 Datasheet
393Kb / 3P
DIL 8 Pin Half Size VCXO - Communications Equipment Application
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530 Datasheet
186Kb / 1P
Supports half-size SBCs
logo
ILSI America LLC
I202 ILSI-I202 Datasheet
48Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I212 ILSI-I212 Datasheet
47Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
AAEON Technology
EMB-BT4 AAEON-EMB-BT4 Datasheet
288Kb / 2P
half-size mini-card
logo
Advantech Co., Ltd.
PCE-3B03-01A1E ADVANTECH-PCE-3B03-01A1E Datasheet
673Kb / 1P
Half-Size SBC Backplanes
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
logo
Suntsu Electronics, Inc...
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
Metal Full Size Dip CMOS VCXO
SVCHSC SUNTSU-SVCHSC Datasheet
381Kb / 3P
Metal Half Size Dip CMOS VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com