Electronic Components Datasheet Search
  English  ▼

X  

XRT7288 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT7288
Description  CEPT1 Line Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7288 Datasheet(HTML) 5 Page - Exar Corporation

  XRT7288 Datasheet HTML 1Page - Exar Corporation XRT7288 Datasheet HTML 2Page - Exar Corporation XRT7288 Datasheet HTML 3Page - Exar Corporation XRT7288 Datasheet HTML 4Page - Exar Corporation XRT7288 Datasheet HTML 5Page - Exar Corporation XRT7288 Datasheet HTML 6Page - Exar Corporation XRT7288 Datasheet HTML 7Page - Exar Corporation XRT7288 Datasheet HTML 8Page - Exar Corporation XRT7288 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
;57

5HY 
(/(&75,&$/ &+$5$&7(5,67,&6
7HVW &RQGLWLRQV 7 G&WRG& 9 9 F
6\PERO
3DUDPHWHU
0LQ
7\S
0D[
8QLW
&RQGLWLRQV
/RJLF ,QWHUIDFH (OHFWULFDO &KDUDFWHULVWLFV
,QSXW 9ROWDJH
9,/
/RZ
*1''

9
9,+
+LJK

9'''
9
2XWSXW 9ROWDJH
92/
/RZ
*1''

9
P$ 6LQN
92+
+LJK

9'''
9
P$ 6RXUFH
&,
,QSXW &DSDFLWDQFH

S)
&/
/RDG &DSDFLWDQFH

S)
7UDQVPLWWHU 6SHFLILFDWLRQV
2XWSXW 3XOVH $PSOLWXGH
: =6 



9
: =6 



9
3XOVH :LGWK 



QV
3RVLWLYH1HJDWLYH 3XOVH
,PEDODQFH
F

=HUR /HYHO
F

2XWSXW 7UDQVIRUPHU 7XUQV 5DWLR



5HFHLYHU 6SHFLILFDWLRQV
5HFHLYHU 6HQVLWLYLW\


9S
$OORZHG &DEOH /RVV DW %(5 
1R ,QWHUIHUHQFH


G%
,QWHUIHULQJ 3%56 G%

G%
%HORZ 7UDQVPLWWHG 3%56
3//
G% %DQGZLGWK

N+]
3HDNLQJ


G%
,&2 )UHHUXQQLQJ )UHTXHQF\
(UURU
F

4908
 'LJLWDO RXWSXWV GULYH SXUHO\ FDSDFLWLYH ORDGV WR IXOO RXWSXW OHYHOV 9' *1''
 3HUFHQWDJH RI WKH QRPLQDO SXOVH DPSOLWXGH
 0HDVXUHG DW 7 5 9 SHDNWR]HUR *1' UHIHUHQFH
 7UDQVIHU FKDUDFWHULVWLFV  LQSXW
 $OO PHDVXUHPHQWV DUH ZLWK D PDWFKHGLPSHGDQFH WUDQVPLW LQWHUIDFH VHH )LJXUH  DQG )LJXUH  DQG ZLWK 9 RU *1' DSSOLHG WR
GLJLWDO LQSXW OHDGV
,QWHUQDO SXOOXS GHYLFHV DUH SURYLGHG RQ WKH IROORZLQJ LQSXW OHDGV /3 /3 /3 DQG $/07 ,QWHUQDO SXOOGRZQ GHYLFHV DUH SURYLGHG
RQ WKH IROORZLQJ OHDGV 6' 5%& +'%71'$7$ 7%& 65'5 )/0 DQG =6 7KH LQWHUQDO SXOOXS RU SXOOGRZQ GHYLFHV UHTXLUH WKH
LQSXW WR VRXUFH RU VLQN WR EH QR PRUH WKDQ 2$
6SHFLILFDWLRQV DUH VXEMHFW WR FKDQJH ZLWKRXW QRWLFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com