Electronic Components Datasheet Search
  English  ▼

X  

AD8129AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8129AR
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129AR Datasheet(HTML) 5 Page - Analog Devices

  AD8129AR Datasheet HTML 1Page - Analog Devices AD8129AR Datasheet HTML 2Page - Analog Devices AD8129AR Datasheet HTML 3Page - Analog Devices AD8129AR Datasheet HTML 4Page - Analog Devices AD8129AR Datasheet HTML 5Page - Analog Devices AD8129AR Datasheet HTML 6Page - Analog Devices AD8129AR Datasheet HTML 7Page - Analog Devices AD8129AR Datasheet HTML 8Page - Analog Devices AD8129AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. 0
AD8129/AD8130
–5–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . Refer to Figure 3
Input Voltage (Any Input) . . . . . . . –VS – 0.3 V to +VS + 0.3 V
Differential Input Voltage (AD8129)
3 V
S
≥ ±11.5 V . . . ±0.5 V
Differential Input Voltage (AD8129)
3 V
S <
±11.5 V . . . ±6.2 V
Differential Input Voltage (AD8130) . . . . . . . . . . . . . .
±8.4 V
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Resistance measured on SEMI standard 4-layer board.
8-Lead SOIC:
θ
JA= 121
°C/W; 8-Lead Micro_SO: θ
JA = 142
°C/W
3Refer to Applications section, Extreme Operating Condition, and Power Dissipation.
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8129AR
–40ºC to +85ºC
8-Lead SOIC
SO-8
AD8129AR-REEL
1
–40ºC to +85ºC
8-Lead SOIC
13" Tape and Reel
AD8129AR-REEL7
2
–40ºC to +85ºC
8-Lead SOIC
7" Tape and Reel
AD8129ARM
–40ºC to +85ºC
8-Lead Micro_SO
RM-8
HQA
AD8129ARM-REEL
3
–40ºC to +85ºC
8-Lead Micro_SO
13" Tape and Reel
HQA
AD8129ARM-REEL7
2
–40ºC to +85ºC
8-Lead Micro_SO
7" Tape and Reel
HQA
AD8129-EVAL
Evaluation Board with SOIC
AD8130AR
–40ºC to +85ºC
8-Lead SOIC
SO-8
AD8130AR-REEL
1
–40ºC to +85ºC
8-Lead SOIC
13" Tape and Reel
AD8130AR-REEL7
2
–40ºC to +85ºC
8-Lead SOIC
7" Tape and Reel
AD8130ARM
–40ºC to +85ºC
8-Lead Micro_SO
RM-8
HPA
AD8130ARM-REEL
3
–40ºC to +85ºC
8-Lead Micro_SO
13" Tape and Reel
HPA
AD8130ARM-REEL7
2
–40ºC to +85ºC
8-Lead Micro_SO
7" Tape and Reel
HPA
AD8130-EVAL
Evaluation Board with SOIC
NOTES
113" Reel of 2500 each.
27" Reel of 1000 each.
313" Reel of 3000 each.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8129/AD8130 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
AMBIENT TEMPERATURE – C
–50
0
TJ (MAX) = 150 C
2.0
1.5
1.0
8-LEAD SOIC
PACKAGE
–40 –30
0
10
20
3040 5060
70
80 90
8-LEAD
MICRO_SO
0.5
–20 –10
Figure 3. Maximum Power Dissipation vs. Temperature
CONNECTION DIAGRAM
(Top View)
SO-8 (R) and Micro_SO-8 (RM)
AD8129/
AD8130
1
2
3
4
+IN
–IN
–VS
+VS
PD
OUT
REF
FB
8
7
6
5
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com