Electronic Components Datasheet Search
  English  ▼

X  

ZMM2V2 Datasheet(PDF) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ZMM2V2
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ZMM2V2 Datasheet(HTML) 3 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ZMM2V2 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ZMM2V2 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd. ZMM2V2 Datasheet HTML 3Page - Shenzhen Yixinwei Technology Co., Ltd. ZMM2V2 Datasheet HTML 4Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0
10
20
Vz
40
30
ZMM 36
ZMM 15
Test current Iz
5mA
10
20
Iz
ZMM 12
Breakdown characteristics
Tj = constant (pulsed)
mA
30
0
01
ZMM 10
24
3
ZMM 27
ZMM 18
ZMM 22
ZMM 33
57
6
Vz
Tj=25 C
ZMM...
o
810
9
ZMM 3.3
ZMM 3.9
Test current Iz
5mA
20
10
30
Breakdown characteristics
Tj = constant (pulsed)
Iz
40
50
mA
ZMM 1
o
Tj=25 C
ZMM 2.7
ZMM 8.2
ZMM 5.6
ZMM 4.7
ZMM...
V
V
ZMM 6.8
ZMM 1...ZMM75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com