Electronic Components Datasheet Search
  English  ▼

X  

GS6332 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GS6332
Description  3 Pin, Low-Power, P Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332 Datasheet(HTML) 6 Page - Vishay Siliconix

  GS6332 Datasheet HTML 1Page - Vishay Siliconix GS6332 Datasheet HTML 2Page - Vishay Siliconix GS6332 Datasheet HTML 3Page - Vishay Siliconix GS6332 Datasheet HTML 4Page - Vishay Siliconix GS6332 Datasheet HTML 5Page - Vishay Siliconix GS6332 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS6332andGS6333
VishaySemiconductors
formerlyGeneralSemiconductor
wwwvishaycom
DocumentNumber74810
6
22-May-02
Ratingsand
CharacteristicCurves(TA=25°Cunlessotherwisenoted)
40
--20
10
70
--50
130
100
0
0.1
0.2
0.4
0.5
020
--20
40
--40
60
80
100
0.3
Fig. 9 – Threshold Hysteresis
vs. Temperature
Temperature (
°C)
Fig. 10 – Reset VOL vs. Temperature
Temperature (
°C)
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
GS6333URxxDx
0.15
1
2
3
Top View
3.10
2.70
3.00
2.60
1.80
1.40
1.25
0.70
1.90
(TYP.)
0.25
0.10
0.50
0.35
1.40
1.00
θ1 9°
1
°
0.55
0.35
SOT-23CaseOutline
Dimensionsinmillimeters
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
MountingPadLayout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com