Electronic Components Datasheet Search
  English  ▼

X  

AX431CM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX431CM
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX431CM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX431CM Datasheet HTML 1Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 2Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 3Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 4Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 5Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 6Page - List of Unclassifed Manufacturers AX431CM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
AVANTICS - AX431 Series
Specification No.: 050308-FE0001
AX431 Series
Adjustable Shunt Regulator
Description
The AX431 series are three-terminal adjustable regulators with guarante-
ed thermal stability over applicable temperature ranges. The output
voltage may be set to any value between V
REF (approximately 2.495 volts)
and 36 volts with two external resistors. These devices have a typical
dynamic output impedance of 0.2
Ω. Active output circuitry provides a very
sharp turn-on characteristic, making these devices excellent replacement
for zener diodes in many applications.
Features
• Programmable output voltage
• Temperature coefficient is 50ppm/oC typical
• Temperature compensated for operation over full temperature range
• Low output noise voltage
• Fast turn on response
Ordering Information
Package
V
REF: 2.495
±2%
V
REF: 2.495
±1%
V
REF: 2.495
±0.5%
SOT-23
AX431AN
AX431BN
AX431CN
SOT-89
AX431AM
AX431BM
AX431CM
TO-92
AX431AA
AX431BA
AX431CA
SO-8
AX431AS
AX431BS
AX431CS
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified)
Characteristics
Symbol
Value
Unit
Cathode Voltage
V
KA
36
V
Cathode Current Range (Continuous)
I
K
-100~+150
mA
Reference Input Current Range
I
REF
0.05~+10
mA
SOT-23
280
SOT-89
770
TO-92
770
Power Dissipation
P
D
SO-8
770
mW
Operating Temperature Range
T
opr
0~+70
o
C
Storage Temperature Range
T
stg
-65~+150
o
C
Operating Conditions
Characteristics
Symbol
Min.
Max.
Unit
Cathode Voltage
V
KA
V
REF
36
V
Cathode Current Range (Continuous)
I
K
1
100
mA
AX431 Series Pin Assignment
3-Lead Plastic SO-8
Package Code: S
Pin 1: Cathode
Pin 2/3/6/7: Anode
Pin 4/5: NC
Pin 8: Reference
5
1
2
3
•
4
6
7
8
3-Lead Plastic SOT-89
Package Code: M
Pin 1: Reference
Pin 2: Anode
Pin 3: Cathode
3-Lead Plastic SOT-23
Package Code: N
Pin 1: Reference
Pin 2: Cathode
Pin 3: Anode
1 2
3
3-Lead Plastic TO-92
Package Code: A
Pin 1: Reference
Pin 2: Anode
Pin 3: Cathode
1 2
3
1 2
3


Similar Part No. - AX431CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
AX432AA ETC-AX432AA Datasheet
176Kb / 7P
Adjustable Shunt Regulator
AX432AM ETC-AX432AM Datasheet
176Kb / 7P
Adjustable Shunt Regulator
AX432AN ETC-AX432AN Datasheet
176Kb / 7P
Adjustable Shunt Regulator
AX432BA ETC-AX432BA Datasheet
176Kb / 7P
Adjustable Shunt Regulator
More results

Similar Description - AX431CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com