Electronic Components Datasheet Search
  English  ▼

X  

AX432EM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AX432EM
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX432EM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AX432EM Datasheet HTML 1Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 2Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 3Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 4Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 5Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 6Page - List of Unclassifed Manufacturers AX432EM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/7
AVANTICS - AX432 Series
Specification No.: 050308-FE0002
Characteristics Curve
Change in Reference Input Voltage
& Cathode Voltage
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
1020
3040
Cathode Voltage (V)
Cathode Current & Cathode Voltage
-25
-20
-15
-10
-5
0
5
10
15
20
-1
-0.5
00.511.5
Cathode Voltage (V)
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
Reference Input Voltage & Temperature
1.234
1.236
1.238
1.24
1.242
1.244
1.246
1.248
-20
0
20
40
60
80
100
120
Temperature (
oC)
VK=VREF, IK=10mA
Test Circuit (Fig1)
Cathode Current & Cathode Voltage
-400
-300
-200
-100
0
100
200
300
-1
-0.5
0
0.5
1
1.5
Cathode Voltage (V)
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
Small Signal Voltage Amplification &
Frequency
-10
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
10000000
Frequency (Hz)
4.3K
6.8K
Vout
Ik
10uF
+
180
GND
5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com