Electronic Components Datasheet Search
  English  ▼

X  

2855949 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2855949
Description  INTERBUS bus coupler, subminiature connection, transmission speed 2 Mbaud, 24 V DC, without accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2855949 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2855949 Datasheet HTML 1Page - PHOENIX CONTACT 2855949 Datasheet HTML 2Page - PHOENIX CONTACT 2855949 Datasheet HTML 3Page - PHOENIX CONTACT 2855949 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2855949
12/4/13   Page 1 / 4
Bus coupler - IBS IL 24 BK-DSUB-2MBD - 2855949
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
INTERBUS bus coupler, subminiature connection, transmission speed 2 Mbaud, 24 V DC, without accessories
The illustration shows the version
IBS IL 24 BK-DSUB
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
300.8 GRM
Custom tariff number
85389091
Country of origin
Germany
Technical data
Dimensions
Width
85 mm
Height
119.8 mm
Depth
71.5 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
75 % ... 85 % (in the range of -25°C ... +55°C, appropriate measures
against increased humidity (> 85%) must be taken.)
Permissible humidity (storage/transport)
75 % ... 85 % (Slight temporary condensation may sometimes appear on
the housing, e.g. when the terminal block is brought out of a vehicle into an
enclosed room.)
Air pressure (operation)
80 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20


Similar Part No. - 2855949

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28559 ETC2-28559 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2855910 PHOENIX-2855910 Datasheet
159Kb / 6P
Inline digital output terminal block, without accessories, 1 relay PDT contact, gold contact, transmission speed 2 MBaud, 5 - 253 V AC, 3 A
More results

Similar Description - 2855949

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2718688 PHOENIX-2718688 Datasheet
151Kb / 5P
PROFIBUS bus coupler, Standard-PROFIBUS-DP and its extension, DP/V1, 24 V DC, without accessories
2718785 PHOENIX-2718785 Datasheet
164Kb / 5P
DeviceNet??bus coupler, 24 V DC, without accessories
2742094 PHOENIX-2742094 Datasheet
200Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, without accessories
2742586 PHOENIX-2742586 Datasheet
116Kb / 7P
INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2819037 PHOENIX-2819037 Datasheet
154Kb / 5P
Inline digital output terminal block, without accessories, 8 outputs, 24 V DC, 500 mA, transmission speed 2 MBaud, 4-wire connection method
2819040 PHOENIX-2819040 Datasheet
192Kb / 5P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, transmission speed 2 MBaud, 4-wire connection method
2855211 PHOENIX-2855211 Datasheet
152Kb / 5P
Inline digital output terminal, without accessories, 4 outputs, 24 V DC, 500 mA, transmission speed 2 MBaud, 4-wire connection method
2855240 PHOENIX-2855240 Datasheet
149Kb / 5P
INTERBUS bus coupler, copper connection, transmission speed 2 MBaud, 24 V DC, without accessories
2855745 PHOENIX-2855745 Datasheet
138Kb / 4P
INTERBUS bus coupler, with fiber optic connection, 24 V DC, transmission speed 2 MBaud, without accessories
2863070 PHOENIX-2863070 Datasheet
190Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, complete with accessories (connector and labeling field)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com