Electronic Components Datasheet Search
  English  ▼

X  

IRFZ34VL Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ34VL
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ34VL Datasheet(HTML) 1 Page - International Rectifier

  IRFZ34VL Datasheet HTML 1Page - International Rectifier IRFZ34VL Datasheet HTML 2Page - International Rectifier IRFZ34VL Datasheet HTML 3Page - International Rectifier IRFZ34VL Datasheet HTML 4Page - International Rectifier IRFZ34VL Datasheet HTML 5Page - International Rectifier IRFZ34VL Datasheet HTML 6Page - International Rectifier IRFZ34VL Datasheet HTML 7Page - International Rectifier IRFZ34VL Datasheet HTML 8Page - International Rectifier IRFZ34VL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ34VS
IRFZ34VL
HEXFET® Power MOSFET
02/14/02
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
30
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
21
A
IDM
Pulsed Drain Current
…
120
PD @TC = 25°C
Power Dissipation
70
W
Linear Derating Factor
0.46
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

30
A
EAR
Repetitive Avalanche Energy

7.0
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
www.irf.com
1
VDSS = 60V
RDS(on) = 28mΩ
ID = 30A
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized device
design that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for
high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRFZ34VL) is available for low-
profile application.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
Description
D2Pak
IRFZ34VS
TO-262
IRFZ34VL
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.15
RθJA
Junction-to-Ambient (PCB Mounted)**
–––
40
°C/W
Thermal Resistance
PD - 94180


Similar Part No. - IRFZ34VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ34VLPBF IRF-IRFZ34VLPBF Datasheet
214Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRFZ34VL

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com