Electronic Components Datasheet Search
  English  ▼

X  

AH3376 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AH3376
Description  HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3376 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AH3376 Datasheet HTML 7Page - Diodes Incorporated AH3376 Datasheet HTML 8Page - Diodes Incorporated AH3376 Datasheet HTML 9Page - Diodes Incorporated AH3376 Datasheet HTML 10Page - Diodes Incorporated AH3376 Datasheet HTML 11Page - Diodes Incorporated AH3376 Datasheet HTML 12Page - Diodes Incorporated AH3376 Datasheet HTML 13Page - Diodes Incorporated AH3376 Datasheet HTML 14Page - Diodes Incorporated AH3376 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AH3376
Document number: DS38919 Rev. 2 - 2
13 of 15
www.diodes.com
May 2018
© Diodes Incorporated
AH3376
Package Outline Dimensions (Cont.) (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(4)
Package Type: SIP-3 (Ammo Pack)
SIP-3
(Ammo Pack)
Dim
Min
Max
Typ
A
1.40
1.60
1.50
b
0.33
0.43
0.38
b2a
0.40
0.52
0.46
c
0.35
0.41
0.38
D
3.90
4.30
4.10
E
2.80
3.20
3.00
e1
1.24
1.30
1.27
e2
2.40
2.90
2.65
F
0.00
0.20
--
J
2.62 REF
L
14.00
15.00 14.50
La
12.90
14.90 13.90
L1
1.55
1.75
1.65
L3
2.00
3.00
2.50
S
0.63
0.84
0.74
a1
--
--
5
a2
--
--
5
a3
--
--
45
a4
--
--
3
All Dimensions in mm
PART
MARKING
SURFACE
0.63/0.84
0.27/0.48
Hall Sensor
1.90/2.10
1.05/1.25
1
2
3
PART
MARKING
SURFACE
Min/Max
Sensor Location
a4(
2x
a3(2x
S
A
J
D
E
L1
F
b2a
L3
b
e2
e1
c
La
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com