Electronic Components Datasheet Search
  English  ▼

X  

AH3572 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH3572
Description  HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3572 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH3572 Datasheet HTML 4Page - Diodes Incorporated AH3572 Datasheet HTML 5Page - Diodes Incorporated AH3572 Datasheet HTML 6Page - Diodes Incorporated AH3572 Datasheet HTML 7Page - Diodes Incorporated AH3572 Datasheet HTML 8Page - Diodes Incorporated AH3572 Datasheet HTML 9Page - Diodes Incorporated AH3572 Datasheet HTML 10Page - Diodes Incorporated AH3572 Datasheet HTML 11Page - Diodes Incorporated AH3572 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AH3572
Document number: DS40412 Rev. 1 - 2
8 of 14
www.diodes.com
February 2018
© Diodes Incorporated
AH3572
Thermal Performance Characteristics
(1)
Package Type: SOT23
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
83
74
55
46
37
18
0
(2)
Package Types: SIP-3 (Ammo Pack), SIP-3 (Bulk Pack)
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
550
440
396
362
308
286
264
220
198
176
132
110
88
44
0
0
100
200
300
0
25
50
75
100
125
150
Ambient Temperature T
A (
oC)
Power Dissipation Curve
-40
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Power Dissipation Curve
-40
Ambient Temperature T
A (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com