Electronic Components Datasheet Search
  English  ▼

X  

LM760 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM760
Description  High Speed Differential Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM760 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM760 Datasheet HTML 1Page - National Semiconductor (TI) LM760 Datasheet HTML 2Page - National Semiconductor (TI) LM760 Datasheet HTML 3Page - National Semiconductor (TI) LM760 Datasheet HTML 4Page - National Semiconductor (TI) LM760 Datasheet HTML 5Page - National Semiconductor (TI) LM760 Datasheet HTML 6Page - National Semiconductor (TI) LM760 Datasheet HTML 7Page - National Semiconductor (TI) LM760 Datasheet HTML 8Page - National Semiconductor (TI) LM760 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM760C
Electrical Characteristics
VCC e g45V to g65V TA e 0 Cto a70 C TA e 25 C for typical figures unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIO
Input Offset Voltage
RS s 200X
10
60
mV
IIO
Input Offset Current
05
75
m
A
IIB
Input Bias Current
80
60
m
A
RO
Output Resistance (Either Output)
VO e VOH
100
X
tPD
Response Time
TA e 25 C (Note 3)
18
30
TA e 25 C (Note 4)
25
ns
(Note 5)
16
D
tPD
Response Time Difference
between Outputs (Note 1)
(tPD of aVI1) b (tPD of bVI2)TA e 25 C
50
(tPD of aVI2) b (tPD of bVI1)TA e 25 C
50
ns
(tPD of aVI1) b (tPD of aVI2)TA e 25 C10
(tPD of bVI1) b (tPD of bVI2)TA e 25 C10
RI
Input Resistance
f e 10 MHz
12
kX
CI
Input Capacitance
f e 10 MHz
80
pF
D
VIO DT
Average Temperature Coefficient
RS e 50X
30
m
V C
of Input Offset Voltage
TA e 0 Cto a70 C
D
IIO DT
Average Temperature Coefficient
TA ea25 Cto a70 C
50
nA C
of Input Offset Current
TA ea25 Cto0 C10
VIR
Input Voltage Range
VCC e g65V
g
40
g
45
V
VIDR
Differential Input Voltage Range
g
50
V
VOH
Output Voltage HIGH
0 mA s IOH s 50 mA
24
32
(Either Output)
VCC ea50V
V
IOH e 80 mA VCC e g45V
25
30
VOL
Output Voltage LOW
IOL e 32 mA
025
04
V
(Either Output)
Ia
Positive Supply Current
VCC e g65V
18
34
mA
Ib
Negative Supply Current
VCC e g65V
90
16
mA
Note 1
TJ Max e 150 C
Note 2
Ratings apply to ambient temperature at 25 C
Note 3
Response time measured from the 50% point of a 30 mVP–P 10 MHz sinusoidal input to the 50% point of the output
Note 4
Response time measured from the 50% point of a 20 VP–P 10 MHz sinusoidal input to the 50% point of the output
Note 5
Response time measured from the start of a 100 mV input step with 50 mV overdrive to the time when the output crosses the logic threshold
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com