Electronic Components Datasheet Search
  English  ▼

X  

LMV225SD Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV225SD
Description  RF Power Detector for CDMA and WCDMA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV225SD Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV225SD Datasheet HTML 12Page - National Semiconductor (TI) LMV225SD Datasheet HTML 13Page - National Semiconductor (TI) LMV225SD Datasheet HTML 14Page - National Semiconductor (TI) LMV225SD Datasheet HTML 15Page - National Semiconductor (TI) LMV225SD Datasheet HTML 16Page - National Semiconductor (TI) LMV225SD Datasheet HTML 17Page - National Semiconductor (TI) LMV225SD Datasheet HTML 18Page - National Semiconductor (TI) LMV225SD Datasheet HTML 19Page - National Semiconductor (TI) LMV225SD Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Notes
CONFIGURING A TYPICAL APPLICATION
The LMV225/LMV226/LMV228 are power detectors in-
tended for CDMA and WCDMA applications. Power applied
at its input translates to a DC voltage on the output through
a linear-in-dB response. The LMV225 detector is especially
suited for power measurements via a high-resistive tap,
while the LMV226/LMV228 are designed to be used in com-
bination with a directional coupler. The LMV226 has an
additional output voltage buffer and therefore a low output
impedance. The key features of the devices are shown in
table 1.
TABLE 1. DEVICE CHARACTERISTICS
Input Range
(dBm)
Output
Buffer
Application
LMV225
−30 / 0
No
High Resistive Tap
LMV226
−15 / 15
Yes
Directional Coupler
LMV228
−15 / 15
No
Directional Coupler
In order to match the output power range of the power
amplifier (PA) with the range of the LMV225’s input, the high
resistive tap needs to be configured correctly. In case of the
LMV226/LMV228 the coupling factor of the directional cou-
pler needs to be chosen correctly.
HIGH RESISTIVE TAP APPLICATION
The constant input impedance of the device enables the
realization of a frequency independent input attenuation to
adjust the LMV225’s range to the range of the PA. Resistor
R
1 and the 50
Ω input resistance (R
IN) of the device realize
this attenuation (Figure 1). To minimize insertion loss, resis-
tor R
1 needs to be sufficiently large. The following example
demonstrates how to determine the proper value for R
1.
Suppose the useful output power of the PA ranges up to +31
dBm. As the LMV225 can handle input power levels up to 0
dBm. R
1 should realize a minimum attenuation of 31-0=31
dB. The attenuation realized by R
1 and the effective input
resistance R
IN of the detector equals:
(1)
Solving this expression for R
1, using that RIN =50
Ω, yields:
(2)
In Figure 1,R
1 is set to 1800
Ω resulting in an attenuation of
31.4 dB
DIRECTIONAL COUPLER APPLICATION
The LMV226/LMV228 also has a 50
Ω input resistance. How-
ever, its input range differs compared to the LMV225, i.e.
−15 dBm to +15 dBm. If a typical attenuation of a directional
coupler is 20 dB, the LMV226/LMV228 can be directly con-
nected via the directional coupler to the PA without the need
of additional external attenuator (Figure 2). Different PA
ranges can be configured using couplers with other coupling
factors.
SHUTDOWN FUNCTIONALITY
The LMV225/LMV226/LMV228 RF
IN/EN pins have 2 func-
tions combined:
•
Enable/Shutdown
•
Power input
The capacitor C and the resistor R
2 (Figure 1 and Figure 2)
separate the DC shutdown functionality from the AC power
measurement. The device is active when Enable = HI, oth-
erwise it is in a low power consumption shutdown mode.
During shutdown the output will be LOW.
Capacitor C should be chosen sufficiently large to ensure a
corner frequency far below the lowest input frequency to be
measured. In case of the LMV225 the corner frequency can
be calculated using:
(3)
Where R
IN =50
Ω,C
IN = 45 pF typical.
With R
1 = 1800
Ω and C = 100 pF, this results in a corner
frequency of 2.8 MHz. This corner frequency is an indicative
20076033
FIGURE 1. Typical LMV225 Application with High
Resistive Tap
20076046
FIGURE 2. Typical LMV226/LMV228 Application with
Directional Coupler
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com