Electronic Components Datasheet Search
  English  ▼

X  

M61047FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61047FP
Description  Battery Protection Analog Front End (AFE) IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61047FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61047FP Datasheet HTML 15Page - Renesas Technology Corp M61047FP Datasheet HTML 16Page - Renesas Technology Corp M61047FP Datasheet HTML 17Page - Renesas Technology Corp M61047FP Datasheet HTML 18Page - Renesas Technology Corp M61047FP Datasheet HTML 19Page - Renesas Technology Corp M61047FP Datasheet HTML 20Page - Renesas Technology Corp M61047FP Datasheet HTML 21Page - Renesas Technology Corp M61047FP Datasheet HTML 22Page - Renesas Technology Corp M61047FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M61047FP
Rev.2.00 Mar 04, 2005 page 19 of 23
Timing Chart
Charging Sequence
0
1
2
3
4
5
0
5
10
15
20
0
5
10
15
20
0
5
10
15
20
0
1
2
3
4
0
1
2
3
VREG
RESET
Note: A constant voltage battery charger is used.
VBAT1
monitor
VBAT3
monitor
VBAT2
monitor
VBAT4
monitor
From bottom: Vbat1, Vbat2, Vbat3, Vbat4
VCC pin
VIN_1 pin
Microprocessor
operation start
Instruction from
microprocessor
Instruction from
microprocessor
Instruction from
microprocessor
Instruction from
microprocessor
Charger
connected
End of charging
Start of charging
Start of charging
Vbat4 reaches overcharge
detect voltage
Off during
initialization
Off during
initialization
Charging time
0
5
10
15
20
Off during
initialization
Instruction from
microprocessor
End of charging
Instruction from
microprocessor
Start of precharging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com