Electronic Components Datasheet Search
  English  ▼

X  

IXTT2N170D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTT2N170D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT2N170D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTT2N170D2 Datasheet HTML 1Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 2Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 3Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 4Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTT2N170D2
IXTH2N170D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 8. Normalized RDS(on) vs. Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 1A
Fig. 9. RDS(on) Normalized to ID = 1A Value
vs. Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
0.5
1
1.5
2
2.5
3
3.5
4
ID - Amperes
VGS = 0V
5V
TJ = 125
oC
TJ = 25
oC
Fig. 10. Input Admittance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-3
-2.5
-2
-1.5
-1
-0.5
0
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 30V
Fig. 11. Transconductance
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
ID - Amperes
VDS = 30V
TJ = - 40
oC
25
oC
125
oC
Fig. 12. Normalized Breakdown and Threshold
Voltages vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX @ VGS = - 5V
Fig. 7. Dynamic Resistance vs. Gate Voltage
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
-3.8
-3.6
-3.4
-3.2
-3.0
-2.8
-2.6
-2.4
VGS - Volts
∆VDS = 1300V - 300V
TJ = 100
oC
TJ = 25
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com