Electronic Components Datasheet Search
  English  ▼

X  

NE856M02 Datasheet(PDF) 2 Page - NEC

Part # NE856M02
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856M02 Datasheet(HTML) 2 Page - NEC

  NE856M02 Datasheet HTML 1Page - NEC NE856M02 Datasheet HTML 2Page - NEC NE856M02 Datasheet HTML 3Page - NEC NE856M02 Datasheet HTML 4Page - NEC NE856M02 Datasheet HTML 5Page - NEC NE856M02 Datasheet HTML 6Page - NEC NE856M02 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NE856M02
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
100
PT
Total Power Dissipation2
W
1.2
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Device mounted on 0.7 mm X 16 cm2 double-sided ceramic
substrate (copper plating).
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (°C)
Collector to Base Voltage, VCB (V)
Collector Current, Ic (mA)
Collector Current, IC (mA)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
FEED BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
INSERTION GAIN vs.
COLLECTOR CURRENT
DC CURRENT GAIN vs.
COLLECTOR CURRENT
2.0
1.0
050
100
150
Free Air
RTH (J-A) 312.5 °CW
Ceramic Substrate
16 cm x 0.7 mm
2
f = 1.0 MHz
5.0
3.0
2.0
1.0
0.5
0.8
13
5
10
20
30
VCE = 10 V
200
100
50
20
10
0.5
1
5
10
50
15
10
5
0
13
5
10
20 3050
100
VCE = 10 V
f = 1 GHz
PART NUMBER
QUANTITY
PACKAGING
NE856M02-T1
1000
Tape & Reel
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com