Electronic Components Datasheet Search
  English  ▼

X  

AD9953 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9953
Description  400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9953 Datasheet HTML 17Page - Analog Devices AD9953 Datasheet HTML 18Page - Analog Devices AD9953 Datasheet HTML 19Page - Analog Devices AD9953 Datasheet HTML 20Page - Analog Devices AD9953 Datasheet HTML 21Page - Analog Devices AD9953 Datasheet HTML 22Page - Analog Devices AD9953 Datasheet HTML 23Page - Analog Devices AD9953 Datasheet HTML 24Page - Analog Devices AD9953 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD9953
Rev. B | Page 21 of 32
next address, and the timer reloads the ramp rate bits and
continues counting down. This sequence continues until the
RAM address generator has incremented to an address equal to
the RAM segment final address bits of the current RSCW. Upon
reaching this terminal address, the RAM address generator
reloads the RAM segment beginning address bits and the
sequence repeats.
The sequence of circulating through the specified RAM
addresses repeats for as long as the part is programmed for this
mode. The no-dwell bit is a Don’t Care in this mode.
RAM Controlled Modes of Operation Notes and
Summary
Notes:
1. The user must ensure that the beginning address is lower
than the final address.
2. Changing profiles or issuing an I/O UPDATE automatically
terminates the current sweep and starts the next sweep.
3. Setting the RAM destination bit true such that the RAM
output drives the phase offset adder is valid. While the
above discussion describes a frequency sweep, a phase
sweep operation is also available.
The AD9953 offers five modes of RAM controlled operation
(see Table 6).
Table 6. RAM Modes of Operation
RSCW<7:5>
(Binary)
Mode
Notes
000
Direct Switch
No Sweeping, Profiles
Valid, No Dwell Invalid
001
Ramp Up
Sweeping, Profiles Valid,
No Dwell Valid
010
Bidirectional
Ramp
Sweeping, Profile <0> Is a
Direction Control Bit, No
Dwell Invalid
011
Continuous
Bidirectional
Ramp
Sweeping, Profiles Valid,
No Dwell Invalid
100
Continuous
Recirculate
Sweeping, Profiles Valid,
No Dwell Invalid
101, 110, 111
Open
Invalid Mode—Default To
Direct Switch
Internal Profile Control
The AD9953 offers a mode in which a composite frequency
sweep can be built, for which the timing control is software
programmable. The internal profile control capability disen-
gages the Profile<1:0> pins and enables the AD9953 to take
control of switching between profiles. Modes are defined that
allow continuous or single burst profile switches for three
combinations of profile selection bits. These are listed in
Table 7. When any of the CFR1<29:27> bits are active, the
internal profile control mode is engaged. Internal profile control
is only valid when the device is operating in RAM mode. There
is no internal profile control for linear sweeping operations.
When the internal profile control mode is engaged, the RAM
segment mode control bits are Don’t Care and the device
operates all profiles as if these mode control bits were
programmed for ramp-up mode. Switching between profiles
occurs when the RAM address generator has exhausted the
memory contents for the current profile.
Table 7. Internal Profile Control
CFR1<29:27>
(Binary)
Mode Description
000
Internal Control Inactive
001
Internal Control Active, Single Burst, Activate
Profile 0, Then 1, Then Stop
010
Internal Control Active, Single Burst, Activate
Profile 0, Then 1, Then 2, Then Stop
011
Internal Control Active, Single Burst, Activate
Profile 0, Then 1, Then 2, Then 3, Then Stop
100
Internal Control Active, Continuous, Activate
Profile 0, Then 1, Then Loop Starting 0
101
Internal Control Active, Continuous, Activate
Profile 0, Then 1, Then 2, Then Loop Starting 0
110
Internal Control Active, Continuous, Activate
Profile 0, Then 1, Then 2, Then 3, Then Loop
Starting 0
111
Invalid
A single burst mode is one in which the composite sweep is
executed once. For example, assume the device is programmed
for ramp-up mode and the CFR1<29:27> bits are written to
Logic 010(b). Upon receiving an I/O UPDATE, the internal
control logic signals the device to begin executing the ramp-up
mode sequence for Profile 0. Upon reaching the RAM segment
final address value for Profile 0, the device automatically
switches to Profile 1 and begins executing that ramp-up
sequence. Upon reaching the RAM segment final address value
for Profile 1, the device automatically switches to Profile 2 and
begins executing that ramp-up sequence. When the RAM
segment final address value for Profile 2 is reached, the
sequence is over and the composite sweep has completed.
Issuing another I/O UPDATE restarts the burst process.
A continuous internal profile control mode is one in which the
composite sweep is continuously executed for as long as the
device is programmed into that mode. Using the example
above, except programming the CFR1<29:27> bits to Logic
101(b), the operation would be identical until the RAM
segment final address value for Profile 2 is reached. At this
point, instead of stopping the sequence, it repeats, starting with
Profile 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com