Electronic Components Datasheet Search
  English  ▼

X  

AD9958 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9958
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958 Datasheet(HTML) 3 Page - Analog Devices

  AD9958 Datasheet HTML 1Page - Analog Devices AD9958 Datasheet HTML 2Page - Analog Devices AD9958 Datasheet HTML 3Page - Analog Devices AD9958 Datasheet HTML 4Page - Analog Devices AD9958 Datasheet HTML 5Page - Analog Devices AD9958 Datasheet HTML 6Page - Analog Devices AD9958 Datasheet HTML 7Page - Analog Devices AD9958 Datasheet HTML 8Page - Analog Devices AD9958 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD9958
Rev. C | Page 3 of 44
GENERAL DESCRIPTION
The AD9958 consists of two DDS cores that provide indepen-
dent frequency, phase, and amplitude control on each channel.
This flexibility can be used to correct imbalances between
signals due to analog processing, such as filtering, amplification,
or PCB layout related mismatches. Because both channels share
a common system clock, they are inherently synchronized.
Synchronization of multiple devices is supported.
The AD9958 can perform up to a 16-level modulation of
frequency, phase, or amplitude (FSK, PSK, ASK). Modulation is
performed by applying data to the profile pins. In addition, the
AD9958 also supports linear sweep of frequency, phase, or
amplitude for applications such as radar and instrumentation.
The AD9958 serial I/O port offers multiple configurations to
provide significant flexibility. The serial I/O port offers an SPI-
compatible mode of operation that is virtually identical to the
SPI operation found in earlier Analog Devices, Inc., DDS
products. Flexibility is provided by four data pins (SDIO_0/
SDIO_1/SDIO_2/SDIO_3) that allow four programmable
modes of serial I/O operation.
The AD9958 uses advanced DDS technology that provides low
power dissipation with high performance. The device incorporates
two integrated, high speed 10-bit DACs with excellent wideband
and narrow-band SFDR. Each channel has a dedicated 32-bit
frequency tuning word, 14 bits of phase offset, and a 10-bit
output scale multiplier.
The DAC outputs are supply referenced and must be termin-
ated into AVDD by a resistor or an AVDD center-tapped
transformer. Each DAC has its own programmable reference to
enable different full-scale currents for each channel.
The DDS acts as a high resolution frequency divider with the
REFCLK as the input and the DAC providing the output. The
REFCLK input source is common to both channels and can be
driven directly or used in combination with an integrated
REFCLK multiplier (PLL) up to a maximum of 500 MSPS. The
PLL multiplication factor is programmable from 4 to 20, in
integer steps. The REFCLK input also features an oscillator
circuit to support an external crystal as the REFCLK source.
The crystal must be between 20 MHz and 30 MHz. The crystal
can be used in combination with the REFCLK multiplier.
The AD9958 comes in a space-saving 56-lead LFCSP package.
The DDS core (AVDD and DVDD pins) is powered by a 1.8 V
supply. The digital I/O interface (SPI) operates at 3.3 V and
requires the pin labeled DVDD_I/O (Pin 49) be connected
to 3.3 V.
The AD9958 operates over the industrial temperature range of
−40°C to +85°C.
Figure 2. Detailed Block Diagram
AD9958
32
32
10
15
CH0_IOUT
10
Σ
Σ
Σ
DAC
COS(X)
DDS CORE
CH0_IOUT
32
∆FTW
FTW
SYNC_CLK
CLK_MODE_SEL
BUFFER/
XTAL
OSCILLATOR
SYSTEM
CLK
1.8V
AVDD
DVDD
SYNC_IN
SYNC_OUT
I/O_UPDATE
32
32
PHASE/
∆PHASE
AMP/
∆AMP
10
14
10
15
CH1_IOUT
10
Σ
Σ
Σ
DAC
CH1_IOUT
DAC_RSET
REF_CLK
REF_CLK
PWR_DWN_CTL
MASTER_RESET
SCLK
SDIO_0
SDIO_1
SDIO_2
SDIO_3
CS
TIMING AND CONTROL LOGIC
SCALABLE
DAC REF
CURRENT
MUX
I/O
PORT
BUFFER
CONTROL
REGISTERS
CHANNEL
REGISTERS
PROFILE
REGISTERS
÷4
REF CLOCK
MULTIPLIER
4× TO 20×
1.8V
P0 P1
P2 P3
DVDD_I/O
COS(X)
DDS CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com