Electronic Components Datasheet Search
  English  ▼

X  

HMC807LP6CE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC807LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC807LP6CE Datasheet(HTML) 3 Page - Analog Devices

  HMC807LP6CE Datasheet HTML 1Page - Analog Devices HMC807LP6CE Datasheet HTML 2Page - Analog Devices HMC807LP6CE Datasheet HTML 3Page - Analog Devices HMC807LP6CE Datasheet HTML 4Page - Analog Devices HMC807LP6CE Datasheet HTML 5Page - Analog Devices HMC807LP6CE Datasheet HTML 6Page - Analog Devices HMC807LP6CE Datasheet HTML 7Page - Analog Devices HMC807LP6CE Datasheet HTML 8Page - Analog Devices HMC807LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
Parameter
Condition
Min.
typ.
Max.
Units
Phase Detector
Max Phase detector Frequency (Frac)
70
105
MHz
Max Phase detector Frequency (Int)
140
160
MHz
Min Phase detector Frequency
100
kHz
Charge Pump
Max Output Current
2
ma
Min Output Current
500
µa
Charge Pump noise
Input referred 50 MHz ref.
-145
dBc/Hz
Logic Inputs
VIH Input High Voltage
VddIO-0.4
VddIO
V
VIL Input Low Voltage
0
0.4
V
Logic Outputs
VOH Output High Voltage
VddIO-0.4
VddIO
V
VOL Output Low Voltage
0
0.4
V
Serial Port Max Clock
50
MHz
Power Supply Voltages
analog 3.3V Supplies: aVCC, VddPFd, aVdd, rVdd,
VCCPS
aVdd must equal dVdd
3
3.3
3.45
V
digital Internal Supplies: dVdd, dVddQ, dVddM
3
3.3
3.45
V
digital I/O Supplies: VddIO
Logic I/O
1.8
3.3
5.5
V
analog 5V Supplies: VCCVCO, VddCP, VCCCP
VCCCP must equal VddCP
4.75
5
5.25
V
Power Supply Currents
total Current Consumption (5V)
205
250
ma
total Current Consumption (3.3V)
90
110
ma
Power down Current [1]
CSP disabled
1
10
µa
CSP enabled
450
µa
Bias Reference Voltage
Measured with 10 gΩ meter
1.880
1.920
1.960
V
[1] refers only to the Synthesizer portion of the HMC807LP6Ce
HMC807LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 12.4 - 13.4 GHz
Electrical Specifications (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com