Electronic Components Datasheet Search
  English  ▼

X  

HMC822LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC822LP6CE
Description  FRACTIONAL-N PLL w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC822LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC822LP6CE Datasheet HTML 1Page - Analog Devices HMC822LP6CE Datasheet HTML 2Page - Analog Devices HMC822LP6CE Datasheet HTML 3Page - Analog Devices HMC822LP6CE Datasheet HTML 4Page - Analog Devices HMC822LP6CE Datasheet HTML 5Page - Analog Devices HMC822LP6CE Datasheet HTML 6Page - Analog Devices HMC822LP6CE Datasheet HTML 7Page - Analog Devices HMC822LP6CE Datasheet HTML 8Page - Analog Devices HMC822LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
v06.1212
HMC822LP6CE
FRACTIONAL-N PLL w/ INTEGRATED VCO
665 - 825, 1330 - 1650, 2660 - 3300 MHz
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
Free Running Phase Noise
-180
-160
-140
-120
-100
-80
-60
-40
10
3
10
4
10
5
10
6
10
7
10
8
750 MHz FF
1500 MHz FF
3000 MHz FF
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
800 MHz FF
1650 MHz FF
3200 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
0
1
2
3
4
5
920
960
1000
1040
1080
1120
1160
VCO FREQUENCY
0
15
31
fmin
fmax
0
10
20
30
40
50
60
012
3
4
5
TUNING CAP 31, 1316 MHz AT 2V
TUNING CAP 15, 1466 MHz AT 2V
TUNING CAP 0, 1685 MHz AT 2V
TUNING VOLTAGE (V)
Typical Operating Range
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
851 MHz FF
1701 MHz FF
3402 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
Typical Closed Loop Fractional Phase
Noise [1]
Closed Loop Integer Phase Noise
Typical VCO Sensitivity vs. Cap @
Fo Voltage
Typical VCO Sensitivity vs. Cap @
Fo Voltage
Free Running VCO Phase Noise
Over Temperature
-170
-160
-150
-140
-130
-120
-110
+27C
+85C
-40C
1300
1350
1400
1450
1500
1550
1600
1650
1700
FREQUENCY (MHz)
1 MHz Offset
100 kHz Offset
10 MHz Offset
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com