Electronic Components Datasheet Search
  English  ▼

X  

HMC840LP6CE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC840LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC840LP6CE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC840LP6CE Datasheet HTML 3Page - Analog Devices HMC840LP6CE Datasheet HTML 4Page - Analog Devices HMC840LP6CE Datasheet HTML 5Page - Analog Devices HMC840LP6CE Datasheet HTML 6Page - Analog Devices HMC840LP6CE Datasheet HTML 7Page - Analog Devices HMC840LP6CE Datasheet HTML 8Page - Analog Devices HMC840LP6CE Datasheet HTML 9Page - Analog Devices HMC840LP6CE Datasheet HTML 10Page - Analog Devices HMC840LP6CE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 - 7
7
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC840LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1310 - 1415, 2620 - 2830, 5240 - 5660 MHz
Free Running VCO Phase Noise
Over Temperature
Typical VCO Tuning Voltage After
Calibration
Closed Loop Integer Phase Noise
[1] RMS Jitter data is measured from 10KHz to 100MHz bandwidth.
-180
-160
-140
-120
-100
50MHz PFD
71KHz BW 169 fsec
50MHz PFD 127KHz BW 118 fsec
100MHz PFD 100KHz BW 129 fsec
100MHz PFD 178KHz BW 89 fsec
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
1336MHz
2647MHz
5304MHz
OFFSET FREQUENCY (Hz)
900
950
1000
1050
1100
0
1
2
3
4
5
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n31
fmax
fmin
fmax
n30
n28
-170
-160
-150
-140
-130
-120
-110
-100
+27C
+85C
-40C
2620
2660
2700
2740
2780
2820
FREQUENCY (MHz)
1 MHz Offset
100 kHz Offset
10 MHz Offset
Typical Closed Loop Fractional Phase
Noise [1]
Typical Tuning Curves vs. Switch Position
Free Running Phase Noise
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
-180
-160
-140
-120
-100
50MHz PFD
71KHz BW 193 fsec
50MHz PFD 127KHz BW 144 fsec
100MHz PFD 100KHz BW 123 fsec
100MHz PFD 178KHz BW 108 fsec
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com