Electronic Components Datasheet Search
  English  ▼

X  

XBP4SMAJ Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XBP4SMAJ
Description  400W Transient Voltage Suppressor (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBP4SMAJ Datasheet(HTML) 4 Page - Torex Semiconductor

  XBP4SMAJ Datasheet HTML 1Page - Torex Semiconductor XBP4SMAJ Datasheet HTML 2Page - Torex Semiconductor XBP4SMAJ Datasheet HTML 3Page - Torex Semiconductor XBP4SMAJ Datasheet HTML 4Page - Torex Semiconductor XBP4SMAJ Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
XBP4SMAJ Series
Note:
1. There shall be leader of 230mm minimum which may consist of carrier and or cover tape follower by a minimum of
160mm of carrier tape sealded with cover tape.
2. There shall be minimum of 160mm of empty component pockets sealded with cover tape.
SYMBOL
mm
d
1.55 ± 0.05
D
178.0 ± 2.0
D1
MIN. 50.0
D2
13.0 ± 0.2
E
1.75 ± 0.10
F
5.50 ± 0.10
P
4.00 ± 0.10
P0
4.00 ± 0.10
P1
2.00 ± 0.10
W
12.0 ± 0.3
W1
13.4 ± 1.0
■
TAPING SPECIFICATIONS
●
SMA-PG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com