Electronic Components Datasheet Search
  English  ▼

X  

HT1204 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HT1204
Description  High Temperature Quad Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT1204 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HT1204 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT1204 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT1204 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT1204 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT1204 Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Temperature Quad Analog Switch
HT1204
The HT1204 monolithic
quad analog
switch
consists
of
four
independently controlled switches capable of switching either analog
or digital signals over an extremely wide temperature range.
It is
fabricat
ed with Honeywell’s dielectrically isolated high temperature
HTMOS
™ linear process, and is designed specifically for use in
systems operating in sever high temperature environments. All parts
are burned in at 250ºC.
These switches provide guaranteed performance over the full -55 to
+225ºC temperature range.
Typically, parts will operate up to +300ºC for a year, with derated performance.
High
temperature applications such as signal gating, chopping, modulation, demodulation, and multiplexing are all possible with
the HT1204.
APPLICATIONS
 Down-Hole Oil Well
 Turbine Engine Control
 Avionics
 Industrial Process Control
 Nuclear Reactor
 Electric Power Conversion
 Heavy Duty Internal Combustion Engine
FEATURES
Specified Over -55 to +225°C
Hermetic 14-Lead Ceramic DIP
Worst Case Leakage 500nA at 225°C
Latch-up Free Design with Dielectric Isolation
Low Control Input Current
Individual Switch Controls
High Degree of Linearity
CMOS Logic Levels
Low Crosstalk Between Switches


Similar Part No. - HT1204

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT12 TSC-HT12 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
HYES Optoelectronics, I...
HT12101LH HYES-HT12101LH Datasheet
627Kb / 23P
LCD MODULE
More results

Similar Description - HT1204

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
Quad analog switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
Quad Analog Switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
Quad-Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com