Electronic Components Datasheet Search
  English  ▼

X  

KGL2115 Datasheet(PDF) 1 Page - OKI electronic componets

Part # KGL2115
Description  UHF-band Device Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL2115 Datasheet(HTML) 1 Page - OKI electronic componets

  KGL2115 Datasheet HTML 1Page - OKI electronic componets KGL2115 Datasheet HTML 2Page - OKI electronic componets KGL2115 Datasheet HTML 3Page - OKI electronic componets KGL2115 Datasheet HTML 4Page - OKI electronic componets KGL2115 Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - KGL2115

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
2.0 GHz Two-Modulus Prescaler
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
1.7 GHz Two-Modulus Prescaler
logo
Kyocera Kinseki Corpota...
KGL21CCG1E103AH KSS-KGL21CCG1E103AH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KGL21CCG1E103AM KSS-KGL21CCG1E103AM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KGL21CCG1E103AT KSS-KGL21CCG1E103AT Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
More results

Similar Description - KGL2115

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T367 SONY-1T367 Datasheet
44Kb / 4P
UHF band VCO
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
VCO for UHF band
JDV2S05E TOSHIBA-JDV2S05E Datasheet
65Kb / 1P
VCO for UHF band
JDH2S01FS TOSHIBA-JDH2S01FS Datasheet
126Kb / 4P
UHF Band Mixer
JDH2S02FS TOSHIBA-JDH2S02FS Datasheet
160Kb / 4P
UHF Band Mixer
logo
Guangdong Kexin Industr...
1SS315 KEXIN-1SS315 Datasheet
31Kb / 1P
UHF BAND MIXER APPLICATIONS
logo
Toshiba Semiconductor
JDH2S02SC TOSHIBA-JDH2S02SC Datasheet
179Kb / 4P
UHF Band Mixer
JDH2S03S TOSHIBA-JDH2S03S Datasheet
191Kb / 3P
UHF Band Mixer
1SS315TPH3F TOSHIBA-1SS315TPH3F Datasheet
130Kb / 3P
UHF Band Mixer Applications
logo
Zhaoxingwei Electronics...
JDH2S01FS ZHAOXINGWEI-JDH2S01FS Datasheet
224Kb / 3P
UHF Band Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com