Electronic Components Datasheet Search
  English  ▼

X  

AOTF262L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOTF262L
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF262L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOTF262L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF262L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF262L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF262L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF262L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF262L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOTF262L
General Description
Product Summary
VDS
ID (at VGS=10V)
85A
RDS(ON) (at VGS=10V)
< 3.6mΩ
RDS(ON) (at VGS=6V)
< 4.1mΩ
Applications
100% UIS Tested
100% Rg Tested
Symbol
V
60V N-Channel MOSFET
Orderable Part Number
Package Type
Form
Minimum Order Quantity
60V
• Trench Power MV MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• Optimized for fast-switching applications
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
Maximum
Units
AOTF262L
TO-220F
Tube
1000
• Synchronus Rectification in DC/DC and AC/DC Converters
• Industrial and Motor Drive applications
60
Parameter
Drain-Source Voltage
TO-220F
Top View
Bottom View
G
G
S
D
D
S
G
D
S
VDS
VGS
IDM
IAS
Avalanche energy
L=0.1mH
C
EAS
VDS Spike
VSPIKE
dv/dt
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
TA=25°C
TA=70°C
TC=25°C
TC=100°C
TC=25°C
Avalanche Current
C
Continuous Drain
Current
Peak diode recovery dv/dt
Thermal Characteristics
Parameter
Max
TA=70°C
1.3
°C
Units
Junction and Storage Temperature Range
-55 to 175
Typ
PDSM
W
TA=25°C
2.1
Power Dissipation
A
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
W
ID
V
A
115
A
340
IDSM
13.5
mJ
661
17.5
85
8
V/ns
V
A
±20
V
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.5
60
3
Power Dissipation
B
25
TC=100°C
10µs
PD
60
72
50
Gate-Source Voltage
Pulsed Drain Current
C
60
Drain-Source Voltage
Continuous Drain
Current
Rev.1.0: August 2014
www.aosmd.com
Page 1 of 6


Similar Part No. - AOTF262L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF262L ISC-AOTF262L Datasheet
279Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF262L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com