Electronic Components Datasheet Search
  English  ▼

X  

PBLS1501V Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBLS1501V
Description  15 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS1501V Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBLS1501V Datasheet HTML 6Page - NXP Semiconductors PBLS1501V Datasheet HTML 7Page - NXP Semiconductors PBLS1501V Datasheet HTML 8Page - NXP Semiconductors PBLS1501V Datasheet HTML 9Page - NXP Semiconductors PBLS1501V Datasheet HTML 10Page - NXP Semiconductors PBLS1501V Datasheet HTML 11Page - NXP Semiconductors PBLS1501V Datasheet HTML 12Page - NXP Semiconductors PBLS1501V Datasheet HTML 13Page - NXP Semiconductors PBLS1501V Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
9397 750 13448
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 4 November 2004
11 of 14
Philips Semiconductors
PBLS1502Y; PBLS1502V
15 V PNP BISS loadswitch
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping.
[3]
T2: reverse taping.
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
4000
10000
PBLS1501Y
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-165
PBLS1501V
SOT666
4 mm pitch, 8 mm tape and reel
-
-115
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com