Electronic Components Datasheet Search
  English  ▼

X  

IXFP38N30X3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP38N30X3
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP38N30X3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP38N30X3 Datasheet HTML 1Page - IXYS Corporation IXFP38N30X3 Datasheet HTML 2Page - IXYS Corporation IXFP38N30X3 Datasheet HTML 3Page - IXYS Corporation IXFP38N30X3 Datasheet HTML 4Page - IXYS Corporation IXFP38N30X3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
DS100873B(6/18)
X3-Class HiPERFETTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXFA38N30X3
IXFP38N30X3
V
DSS
= 300V
I
D25
= 38A
R
DS(on)
 50m
Features
International Standard Packages
Low R
DS(ON) and QG
Avalanche Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
300
V
V
GS(th)
V
DS = VGS, ID = 1mA
2.5
4.5
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
500
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
34
50 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
300
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
300
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C38
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
60
A
I
A
T
C = 25C19
A
E
AS
T
C = 25C
400
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
20
V/ns
P
D
T
C = 25C
240
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 (IXFA)
G
D (Tab)
S
TO-220 (IXFP)
D (Tab)
S
G
D
Preliminary Technical Information


Similar Part No. - IXFP38N30X3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
IXFP38N30X3M LITTELFUSE-IXFP38N30X3M Datasheet
515Kb / 6P
300 V, 50 mΩ X3-Class HiPerFETTM Power MOSFET
05/01/2023
More results

Similar Description - IXFP38N30X3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com