Electronic Components Datasheet Search
  English  ▼

X  

IXFP60N25X3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFP60N25X3
Description  N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP60N25X3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFP60N25X3 Datasheet HTML 1Page - IXYS Corporation IXFP60N25X3 Datasheet HTML 2Page - IXYS Corporation IXFP60N25X3 Datasheet HTML 3Page - IXYS Corporation IXFP60N25X3 Datasheet HTML 4Page - IXYS Corporation IXFP60N25X3 Datasheet HTML 5Page - IXYS Corporation IXFP60N25X3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA60N25X3
IXFP60N25X3
IXFQ60N25X3
Fig. 7. Maximum Drain Current vs. Case Temperature
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 9. Transconductance
0
10
20
30
40
50
60
70
80
90
100
110
0
1020304050
60708090
100
110
ID - Amperes
25
o
C
125
o
C
TJ = - 40
o
C
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
50
100
150
200
250
300
350
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSD - Volts
TJ = 25
o
C
TJ = 125
o
C
Fig. 11. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
QG - NanoCoulombs
VDS = 125V
I D = 30A
I G = 10mA
Fig. 12. Capacitance
1
10
100
1000
10000
100000
1
10
100
1000
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 8. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VGS - Volts
TJ = 125
o
C
25
o
C
- 40
o
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com