Electronic Components Datasheet Search
  English  ▼

X  

HM37 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM37
Description  High Current Low Loss Ferrite Cube Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM37 Datasheet(HTML) 1 Page - TT Electronics.

  HM37 Datasheet HTML 1Page - TT Electronics. HM37 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
28
Inductance
100 kHz, 0.1 V
Part
@ 0 A
@ Isat
Heating Current (1)
Isat (2)
DCR
Number
nH ± 10%
nH Typ.
(Adc)
(Adc)
(mW) ±5%
Electrical / Environmental
• OperatingTemperatureRange
-40°Cto+130°C
HighCurrentLowLossFerriteCubeInductors
HM37
Schematic
Specifications @ 25°C
HM37-1007R17LF
170
158
42
58
0.37
HM37-1007R19LF
190
180
42
50
0.37
HM37-1609R32LF
320
260
48
50
0.47
Notes: (1)TheheatingcurrentistheDCcurrentwhichcausesthecomponenttemperaturetoincreasebyapproximately50°C.Thiscurrentisdeterminedby
solderingthecomponentonatypicalapplicationPCB,andthenapplyingthecurrenttothedevicefor30minutes.
(2)Thesaturationcurrent(I
sat)istheapproximatecurrentatwhichinductancewillbedecreasedby20%fromitsinitial(zeroDC)value.
Outline Dimensions (mm)
Case Size
A
B
C
D
1007
10.0
7.0
9.5
8.5
1609
15.9
8.9
9.2
14.6
RoHS
Compliant
Packaging
Recommended Solder Pad Layout
Top View
Front View
Standard: Vacuum Tray
Case Size
Capacity Per Carton
(Units)
1007
800
1609
660


Similar Part No. - HM37

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3710 HMSEMI-HM3710 Datasheet
581Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM3710K HMSEMI-HM3710K Datasheet
784Kb / 7P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM37

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
Low Core Loss, High Current Toroid Inductors
2100LL-221-V-RC BOURNS-2100LL-221-V-RC Datasheet
95Kb / 1P
Low Core Loss, High Current Toroid Inductors
2200LL-1R0-RC BOURNS-2200LL-1R0-RC Datasheet
438Kb / 1P
Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
Low Core Loss, High Current Toroid Inductors
logo
XFMRS Inc.
XFSMC3-XXX XFMRS-XFSMC3-XXX Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC4 XFMRS-XFSMC4 Datasheet
525Kb / 6P
High Current Cube Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
High Current Low Loss Ferrite Cube Inductors
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com