Electronic Components Datasheet Search
  English  ▼

X  

HM50 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM50
Description  Axially Leaded Miniature Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM50 Datasheet(HTML) 1 Page - TT Electronics.

  HM50 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axially Leaded Miniature
Power Inductors
Model HM50
Magnetics
Features and Benefits
Inductance Range 3.9μH to 18,000μH
Standard Tolerance ±10%
Operating Temperature Range -55°C to +105°C
RoHS Compliant
Notes:(1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased by 5% from its initial (zero DC) value due to saturation.
Specification @ 25°C
Outline Dimensions (Inch / mm)
Part
Number
Inductance
Nominal (1)
μH ±10%
DC
Resistance
Ω Max.
Rated
IDC (2)
Amps
INCR
IDC (3)
Amps
Part
Number
Inductance
Nominal (1)
μH ±10%
DC
Resistance
Ω Max.
Rated
IDC (2)
Amps
INCR
IDC (3)
Amps
HM50-3R9KLF
3.9
0.019
3.60
7.30
HM50-331KLF
330
0.665
0.61
0.70
HM50-4R7KLF
4.7
0.022
3.40
6.30
HM50-391KLF
390
0.772
0.57
0.64
HM50-5R6KLF
5.6
0.024
3.20
5.60
HM50-471KLF
470
1.15
0.47
0.59
HM50-6R8KLF
6.8
0.026
3.10
5.30
HM50-561KLF
560
1.27
0.44
0.54
HM50-8R2KLF
8.2
0.028
3.00
4.50
HM50-681KLF
680
1.61
0.40
0.49
HM50-100KLF
10
0.033
2.80
4.10
HM50-821KLF
820
1.96
0.36
0.44
HM50-120KLF
12
0.037
2.60
3.60
HM50-102KLF
1000
2.3
0.33
0.40
HM50-150KLF
15
0.04
2.50
3.30
HM50-122KLF
1200
2.65
0.30
0.35
HM50-180KLF
18
0.044
2.40
3.00
HM50-152KLF
1500
3.45
0.27
0.33
HM50-220KLF
22
0.05
2.23
2.70
HM50-182KLF
1800
4.03
0.25
0.29
HM50-270KLF
27
0.056
2.10
2.50
HM50-222KLF
2200
4.48
0.23
0.27
HM50-330KLF
33
0.076
1.81
2.20
HM50-272KLF
2700
5.4
0.21
0.24
HM50-390KLF
39
0.094
1.63
2.00
HM50-332KLF
3300
6.56
0.20
0.22
HM50-470KLF
47
0.109
1.51
1.80
HM50-392KLF
3900
8.63
0.17
0.20
HM50-560KLF
56
0.14
1.33
1.70
HM50-472KLF
4700
9.66
0.16
0.18
HM50-680KLF
68
0.131
1.31
1.50
HM50-562KLF
5600
13.9
0.13
0.166
HM50-820KLF
82
0.152
1.30
1.40
HM50-682KLF
6800
16.3
0.12
0.151
HM50-101KLF
100
0.208
1.10
1.20
HM50-822KLF
8200
20.8
0.11
0.136
HM50-121KLF
120
0.283
0.94
1.10
HM50-103KLF
10000
26.4
0.10
0.125
HM50-151KLF
150
0.34
0.86
1.00
HM50-123KLF
12000
29.9
0.09
0.114
HM50-181KLF
180
0.362
0.83
0.95
HM50-153KLF
15000
42.5
0.08
0.098
HM50-221KLF
220
0.43
0.76
0.86
HM50-183KLF
18000
48.3
0.07
0.091
HM50-271KLF
270
0.557
0.67
0.77
Packaging
Standard
Boxes
Capacity = 2700 Units
Ordering Information
Model Series
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
HM50 - 330 K LF
Lead-Free
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
34
HM50-331KLF
330
.665
0.61
0.70
HM50-391KLF
390
.772
0.57
0.64
HM50-471KLF
470
1.15
0.47
0.59
HM50-561KLF
560
1.27
0.44
0.54
HM50-681KLF
680
1.61
0.40
0.49
HM50-821KLF
820
1.96
0.36
0.44
HM50-102KLF
1000
2.30
0.33
0.40
HM50-122KLF
1200
2.65
0.30
0.35
HM50-152KLF
1500
3.45
0.27
0.33
HM50-182KLF
1800
4.03
0.25
0.29
HM50-222KLF
2200
4.48
0.23
0.27
HM50-272KLF
2700
5.40
0.21
0.24
HM50-332KLF
3300
6.56
0.20
0.22
HM50-392KLF
3900
8.63
0.17
0.20
HM50-472KLF
4700
9.66
0.16
0.18
HM50-562KLF
5600
13.9
0.13
.166
HM50-682KLF
6800
16.3
0.12
.151
HM50-822KLF
8200
20.8
0.11
.136
HM50-103KLF
10000
26.4
0.10
.125
HM50-123KLF
12000
29.9
0.09
.114
HM50-153KLF
15000
42.5
0.08
.098
HM50-183KLF
18000
48.3
0.07
.091
HM50-3R9KLF
3.9
.019
3.60
7.30
HM50-4R7KLF
4.7
.022
3.40
6.30
HM50-5R6KLF
5.6
.024
3.20
5.60
HM50-6R8KLF
6.8
.026
3.10
5.30
HM50-8R2KLF
8.2
.028
3.00
4.50
HM50-100KLF
10
.033
2.80
4.10
HM50-120KLF
12
.037
2.60
3.60
HM50-150KLF
15
.040
2.50
3.30
HM50-180KLF
18
.044
2.40
3.00
HM50-220KLF
22
.050
2.23
2.70
HM50-270KLF
27
.056
2.10
2.50
HM50-330KLF
33
.076
1.81
2.20
HM50-390KLF
39
.094
1.63
2.00
HM50-470KLF
47
.109
1.51
1.80
HM50-560KLF
56
.140
1.33
1.70
HM50-680KLF
68
.131
1.31
1.50
HM50-820KLF
82
.152
1.30
1.40
HM50-101KLF
100
.208
1.10
1.20
HM50-121KLF
120
.283
0.94
1.10
HM50-151KLF
150
.340
0.86
1.00
HM50-181KLF
180
.362
0.83
0.95
HM50-221KLF
220
.430
0.76
0.86
HM50-271KLF
270
.557
0.67
0.77
HM50 - 330
K
LF
• Inductance Range
3.9µH to 18,000µH
• Standard Tolerance
±10%
• Operating Temperature Range
-55°C to +105°C
Axially Leaded Miniature Power Inductors
Electrical / Environmental
Ordering Information
Notes: (1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased by 5% from its initial (zero DC) value
due to saturation.
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
Model Series
Lead Free
Packaging
HM50
Capacity = 2700 Units
Standard: Boxes
Outline Dimensions (Inch / mm)
Specifications @ 25°C
Inductance
DC
Rated
INCR
Part
Nominal (1) Resistance
IDC (2)
IDC (3)
Number
µH ±10%
W
Max.
Amps
Amps
Inductance
DC
Rated
INCR
Part
Nominal (1) Resistance
IDC (2)
IDC (3)
Number
µH ±10%
W
Max.
Amps
Amps
RoHS
Compliant
Max.
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM50

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
HM50-100JLF BITECH-HM50-100JLF Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
HM50-100KLF BITECH-HM50-100KLF Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
HM50-100KLF BITECH-HM50-100KLF Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
HM50-100MLF BITECH-HM50-100MLF Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
More results

Similar Description - HM50

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
HM51 BITECH-HM51 Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
Self Leaded Power Inductors
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
Miniature Leaded Crystal
logo
TT Electronics.
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
Axially Leaded Miniature Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com