Electronic Components Datasheet Search
  English  ▼

X  

HM53 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM53
Description  High Power Low Cost Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM53 Datasheet(HTML) 1 Page - TT Electronics.

  HM53 Datasheet HTML 1Page - TT Electronics. HM53 Datasheet HTML 2Page - TT Electronics. HM53 Datasheet HTML 3Page - TT Electronics. HM53 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power Low Cost Inductors
Model HM53
Magnetics
Features and Benefits
Insulation Resistance, Minimum 100 MΩ
Operating Temperature Range -40°C to +125°C
Ambient Temperature, Maximum 85°C
Temperature Rise, Maximum 40°C
Operating Frequency Up to 400kHz
RoHS Compliant
Part
Number
Inductance(1)
Control Value
μH
±20%
Rated (2)
Inductance
μH
Typ.
Rated
Current
Adc
DCR
mΩ
Max.
Dimensions (mm)
L / W / Ht
Quantity Per Carton
(Units)
Vert. Mount
Hor. Mount
Vert.
Mount
Hor.
Mount
HM53-000R8VLF
1.23
0.8
15.0
2.5
14.0 / 8.5 / 14.0
-
660
-
HM53-001R1_LF V or H
1.44
1.1
14.0
3.0
23.0 / 14.0 / 23.0
23.0 / 23.0 / 14.0
360
300
HM53-001R6_LF V or H
1.72
1.6
8.0
4.0
16.0 / 11.0 / 16.0
16.0 / 16.0 / 11.0
560
500
HM53-001R8_LF V or H
2.6
1.8
15.0
3.5
23.0 / 14.0 / 23.0
23.0 / 23.0 / 14.0
360
180
HM53-001R9_LF V or H
2.7
1.9
10.0
5.1
17.5 / 11.4 / 17.5
17.5 / 17.5 / 11.4
660
500
HM53-002R0_LF V or H
2.8
2.0
8.5
4.8
16.0 / 9.0 / 16.0
16.0 / 16.0 / 9.0
560
500
HM53-003R0_LF V or H
4.4
3.1
13.5
4.5
24.5 / 14.0 / 24.5
24.5 / 24.5 / 14.0
360
320
HM53-005R5_LF V or H
7.9
5.5
8.5
8.9
20.5 / 13.0 / 20.5
20.5 / 20.5 / 13.0
360
180
HM53-007R8_LF V or H
11.1
7.8
5.7
12.9
17.0 / 13.5 / 17.0
17.0 / 17.0 / 13.5
450
500
HM53-009R5_LF V or H
13.5
9.5
9.0
8.1
23.0 / 19.0 / 23.0
23.0 / 23.0 / 19.0
180
210
HM53-101R5VLF
2.7
1.5
15.0
3.3
18.0 / 10.0 / 18.0
-
560
-
HM53-101R6VLF
4.0
1.6
21.0
6.5
17.0 / 9.0 / 17.0
-
560
-
HM53-103R3VLF
4.0
3.3
10.0
10.0
15.0 / 8.0 / 15.0
-
560
-
HM53-108R0_LF V or H
10.1
8.0
3.0
10.5
16.2 / 8.5 / 16.2
16.2 / 16.2 / 8.5
660
500
HM53-10180_LF V or H
25.3
17.9
2.0
20.5
16.2 / 8.0 / 16.2
16.2 / 16.2 / 8.0
500
500
HM53-10320_LF V or H
50.3
32.3
2.6
59.1
16.2 / 9.0 / 16.2
16.2 / 16.2 / 9.0
560
500
HM53-10650_LF V or H
104.0
65.2
2.4
108.6
15.5 / 12.4 / 15.5
15.5 / 15.5 / 12.4
560
250
HM53-10101VLF
121.0
100.0
5.0
67.0
27.0 / 16.5 / 27.0
-
240
-
HM53-10111_LF V or H
151.7
106.4
2.3
165.9
20.7 / 9.4 / 20.7
20.7 / 20.7 / 9.4
360
300
HM53-10171_LF V or H
250.9
175.2
2.2
224.2
20.9 / 13.0 / 20.9
20.9 / 20.9 / 13.0
360
210
HM53-10351_LF V or H
505.0
354.3
1.9
375.1
24.0 / 15.3 / 24.0
24.0 / 24.0 / 15.3
180
140
HM53-10531_LF V or H
754.4
529.2
2.4
468.1
29.8 / 17.4 / 29.8
29.8 / 29.8 / 17.4
90
90
HM53-10701_LF V or H
1000.4
701.4
2.1
679.4
29.8 / 17.1 / 29.8
29.8 / 29.8 / 17.1
90
90
HM53-208R0_LF V or H
10.6
8.0
6.0
8.3
22.0 / 9.5 / 22.0
22.0 / 22.0 / 9.5
360
300
HM53-20190_LF V or H
25.0
19.1
4.0
20.3
22.0 / 9.0 / 22.0
22.0 / 22.0 / 9.0
360
300
HM53-20350_LF V or H
50.0
35.0
4.9
29.1
21.6 / 13.6 / 21.6
21.6 / 21.6 / 13.6
360
320
HM53-20580_LF V or H
73.9
58.1
2.5
59.9
22.0 / 9.0 / 22.0
22.0 / 22.0 / 9.0
360
300
HM53-20710_LF V or H
101.7
70.8
4.3
48.5
24.0 / 16.6 / 24.0
24.0 / 24.0 / 16.6
200
140
HM53-20101_LF V or H
148.0
103.6
4.0
70.5
30.6 / 11.4 / 30.6
30.6 / 30.6 / 11.4
90
135
HM53-20171_LF V or H
251.1
175.4
4.2
96.0
31.2 / 19.0 / 31.2
31.2 / 31.2 / 19.0
90
90
HM53-20351_LF V or H
499.4
349.0
3.3
183.0
36.7 / 14.8 / 36.7
36.7 / 36.7 / 14.8
45
75
HM53-20521_LF V or H
749.3
521.9
3.4
225.4
43.3 / 18.2 / 43.3
43.3 / 43.3 / 18.2
45
90
HM53-306R8_LF V or H
9.7
6.8
11.1
8.3
22.2 / 13.9 / 22.2
22.2 / 22.2 / 13.9
180
210
HM53-30150_LF V or H
21.3
14.9
9.3
17.8
24.5 / 16.6 / 24.5
24.5 / 24.5 / 16.6
200
140
HM53-30350_LF V or H
49.6
34.9
9.4
21.9
32.3 / 18.9 / 32.3
32.3 / 32.3 / 18.9
90
90
HM53-30580_LF V or H
78.0
58.5
4.0
40.9
30.0 / 13.0 / 30.0
30.0 / 30.0 / 13.0
200
140
HM53-30690_LF V or H
97.2
67.9
7.5
31.0
37.8 / 16.8 / 37.8
37.8 / 37.8 / 16.8
45
75
HM53-30101_LF V or H
150.6
105.4
7.5
45.6
46.4 / 19.8 / 46.4
46.4 / 46.4 / 19.8
45
90
HM53-30181_LF V or H
254.4
178.2
8.1
48.2
53.7 / 24.3 / 53.7
53.7 / 53.7 / 24.3
45
45
HM53-407R0_LF V or H
10.0
7.0
13.5
7.9
25.7 / 18.0 / 25.7
25.7 / 25.7 / 18.0
45
90
HM53-40150_LF V or H
21.0
14.7
14.5
11.5
32.4 / 19.8 / 32.4
32.4 / 32.4 / 19.8
90
90
HM53-40360_LF V or H
52.3
36.5
10.2
18.3
39.0 / 16.8 / 39.0
39.0 / 39.0 / 16.8
45
75
HM53-40550_LF V or H
74.5
54.8
6.0
26.1
35.0 / 16.0 / 35.0
35.0 / 35.0 / 16.0
90
90
HM53-40710_LF V or H
101.4
71.1
9.1
21.2
48.5 / 21.8 / 48.5
48.5 / 48.5 / 21.8
45
45
Specifications @ 25°C / Packaging
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM53-000R8VLF BITECH-HM53-000R8VLF Datasheet
1Mb / 4P
High Power Low Cost Inductors
logo
List of Unclassifed Man...
HM53-001R1H ETC-HM53-001R1H Datasheet
64Kb / 5P
High Power Low Cost Inductors
HM53-001R1V ETC-HM53-001R1V Datasheet
64Kb / 5P
High Power Low Cost Inductors
More results

Similar Description - HM53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
High Power Low Cost Inductors
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
Low Cost Power Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
Low Cost Medium Power Surface Mount Inductors
logo
TALEMA Group. LLC
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
High Performance Low Cost Surface Mount Inductors
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
High Power Low Cost Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
Low Cost Medium Power Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com