Electronic Components Datasheet Search
  English  ▼

X  

HM61 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM61
Description  Injection Moulded Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM61 Datasheet(HTML) 2 Page - TT Electronics.

  HM61 Datasheet HTML 1Page - TT Electronics. HM61 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
50
Inductance, L
0
Rated
Self-Resonating
Ht
Marking
Part
@1kHz, 0.1V
Current (1)
Frequency (SRF)
DCR
Height
Code
Number
µH
± 10%
Amps
MHz Typ.
Ω Typ.
mm Max.
Std
LF
Fig.
Packaging
Standard: Embossed Tape & Reel
Reel:
Diameter:
Figure 1
=
7” (177.8mm)
Figure 2
=
13” (330.2mm)
Capacity:
Figure 1
=
300 Units
Figure 2
=
750 Units
Outline Dimension (mm)
Ordering Information
Inductance Code:
First 2 digits are significant. Last
digit denotes the number of trailing
zeros. For values below 10µH, ‘R’
denotes the decimal point.
Model Series
Body Style
TR -Tape & Reel Packing
7 - 7” reel
13 - 13” reel
Lead-Free
HM61 - 10 1R0 LF TR7
Recommended Solder Pad Layout
Refer to Specification table for
‘Ht’ dimension of each model
Recommended Solder Pad Layout
Figure 1
Figure 2
Notes: (1)RatedcurrentisthemaximumDCcurrentatwhichtheinductancewillbeincreasedby10%fromitsinitial(zeroDC)valueorthecurrentatwhich
ΔT=40°C,whicheverislower.
(2)Electricalspecificationsat25°C.
HM61-20152LF
1500
0.22
1.45
6.50
5.7
37
81
2
HM61-20182LF
1800
0.20
1.4
7.00
5.7
38
82
2
HM61-20222LF
2200
0.18
1.3
9.20
5.7
39
83
2
HM61-20272LF
2700
0.16
1.2
10.50
5.7
40
84
2
Specifications (Cont’d)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com