Electronic Components Datasheet Search
  English  ▼

X  

HM69 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM69
Description  High Current Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM69 Datasheet(HTML) 1 Page - TT Electronics.

  HM69 Datasheet HTML 1Page - TT Electronics. HM69 Datasheet HTML 2Page - TT Electronics. HM69 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Current Low Profile Surface
Mount Inductors
Model HM69
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +125°C
Temperature Rise, Maximum 40°C
Operating Frequency Up to 3MHz
RoHS Compliant
Notes: (1) DC resistance is measured at 25°C.
(2)Theratedcurrent(Irated)isthecurrentatwhichtheinductancewillbedecreasedby20%fromitsinitial(zeroDC)value.
(3) TheheatingcurrentistheDCcurrent,whichcausesthecomponenttemperaturetoincreasebyapproximately40°C.Thiscurrentisdetermined
bysolderingthecomponentonatypicalapplicationPCB,andthenapplyingthedevicefor30minutes.
(4) CoreLossapproximationisbasedonpublishedcoredata:
CoreLoss=K1*(f)1.77 *(K2ΔI)2.21
Where:
corelossinwatt
f=switchingfrequencyinkHz
K1andK2=corelossfactor ΔI=deltaIacrossthecomponentinAmp.
K2ΔI=onehalfofthepeaktopeakfluxdensityacrossthecomponentinGauss
Part
Number
Inductance
100kHz, 0.1V
DCR (1)
(mΩ)
I
rated
(2)
@ 25°C
(Adc)
Heating
Current(3)
(A)
Core Loss (4)
Factor
@ 0 Adc
(nH ± 20%)
Typ.
@ I
rated
(nH)
Min.
Typ.
Min.
Typ.
K1
K2
HM69-10R025LF
25
18
25
0.27
0.33
42
22
3.847E-14
59.444
HM69-20R050LF
50
28
36
0.20
0.24
70
35
1.074E-13
50.117
HM69-30R070LF
70
50
67
0.40
0.48
46
25
1.074E-13
70.164
HM69-40R10LF
100
60
75
0.31
0.39
28
25
7.124E-14
156.891
HM69-50R10LF
100
72
95
0.40
0.48
29
24
8.733E-14
127.990
HM69-50R15LF
150
96
120
0.40
0.48
18
24
8.733E-14
191.986
HM69-55R10LF
100
64
80
0.45
0.56
45
25
1.337E-13
96.541
HM69-55R20LF
200
140
175
0.45
0.56
21
25
1.337E-13
160.902
HM69-60R10LF
100
69
87
0.42
0.50
68
31
2.311E-13
52.336
HM69-60R15LF
150
104
130
0.42
0.50
48
31
2.311E-13
78.503
HM69-60R20LF
200
144
180
0.42
0.50
31
31
2.311E-13
104.671
HM69-70R30LF
300
200
250
0.17
0.20
37
70
6.784E-13
98.921
HM69-75R20LF
200
150
175
0.40
0.50
20
40
3.559E-13
134.203
HM69-80R30LF
300
216
285
0.17
0.25
40
76
9.107E-13
72.674
Specifications
Packaging
Standard
EmbossedTape&Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Casesize10,40
=
1000 Units
Casesize20,30,60
=
800 Units
Casesize50,55,75
=
500 Units
Casesize70,80
=
350 Units
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM69

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM69-10R025 BITECH-HM69-10R025 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM69-10R025LF BITECH-HM69-10R025LF Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM69-20R050 BITECH-HM69-20R050 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM69-20R050LF BITECH-HM69-20R050LF Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM69

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com