Electronic Components Datasheet Search
  English  ▼

X  

HM70 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM70
Description  High Power Shielded Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM70 Datasheet(HTML) 3 Page - TT Electronics.

  HM70 Datasheet HTML 1Page - TT Electronics. HM70 Datasheet HTML 2Page - TT Electronics. HM70 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
89
Case size
A
B
C
D
E
F
G
H
I
J
K
10
9.00
10.5
3.70
4.80
1.70
6.00
8.30
2.30
6.00
2.80
3.00
20
9.00
10.5
4.50
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
25
9.00
10.5
5.00
4.80
1.70
6.00
8.30
2.30
6.00
2.80
3.00
30
9.00
10.5
5.35
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
31
9.00
10.5
5.40
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
32
9.00
10.5
5.60
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
33
9.00
10.5
5.70
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
34
9.00
10.5
5.80
4.80
1.70
6.00
8.00
2.00
6.00
2.80
3.00
35
10.7
10.25 4.20
5.60
1.70
6.00 10.60 5.60
6.20
2.10
2.50
40
11.0
12.6
5.20
6.20
2.30
7.50 10.70 3.70
7.50
3.10
3.50
43
10.1
12.5
5.75
4.77
2.30
7.32 10.31 4.17
7.32
2.95
2.84
45
10.1
12.5
6.60
4.60
2.30
7.32 10.31 4.00
7.32
2.74
3.15
50
13.5
12.9
5.50
6.50
2.30
7.50 13.50 6.50
7.50
3.00
3.50
60
14.0
13.0
5.80
6.50
2.30
7.50 14.00 6.50
7.50
3.00
3.50
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number
of trailing zeros. For values
below 10µH, “R” denotes the
decimal point.
Case Size
Model Series
TR - Tape & Reel Packing
13 - 13” reel
HM70 - 50 1R2 LF TR13
Lead-Free
Outline Dimensions (mm)
Recommended
Solder Pad Layout
Top View
Bottom View
Figure 1
Figure 2
Top View
Bottom View
Note: (1)Dummyterminalshouldnotbeusedforanyelectricalconnection.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com