Electronic Components Datasheet Search
  English  ▼

X  

HM76 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM76 Datasheet(HTML) 1 Page - TT Electronics.

  HM76 Datasheet HTML 1Page - TT Electronics. HM76 Datasheet HTML 2Page - TT Electronics. HM76 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Drum Core, Space Efficient High
Performance Surface Mount
Inductors
Model HM76
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +125°C
Temperature Rise, Maximum 40°C
Operating Frequency Up to 3MHz
RoHS Compliant
Specifications (Case Size 10 and 20)
Specifications (Case Size 30 and 40)
Schematics
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Part Number
Inductance
μH ± 20% (1)
DC Resistance
@ 25°C (3)
ΩMax.
Rated
Current (2,4)
Amps
Schematic
Figure
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
103
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
W
Max.
Amps
Schematic
Figure
DC Resistance
Rated
Part
Inductance
@ 25°C
Current (2,4)
Number
µH ± 20% (1)
W
Max.
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Specifications (Case Size 10 and 20)
Schematics
Schematic A
Schematic B
Specifications (Case Size 30 and 40)
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
1
2
1
2
3
4
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C
• Operating Frequency
Up to 3MHz
HM76
Electrical / Environmental
Drum Core, Space Efficient High Performance
Surface Mount Inductors
RoHS
Compliant
Last Updated: 24 February 2010
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
103
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
W
Max.
Amps
Schematic
Figure
DC Resistance
Rated
Part
Inductance
@ 25°C
Current (2,4)
Number
µH ± 20% (1)
W
Max.
Amps
Schematic
Figure
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1
HM76-10220JLF
22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
3
HM76-20150JLF
15
0.09
1.50
A
3
HM76-20220JLF
22
0.15
1.30
A
3
HM76-20330JLF
33
0.21
1.10
A
3
HM76-20470JLF
47
0.31
0.80
A
3
HM76-20680JLF
68
0.42
0.70
A
3
HM76-20101JLF
100
0.58
0.60
A
3
HM76-20151JLF
150
0.89
0.50
A
3
HM76-20221JLF
220
1.30
0.40
A
3
HM76-20331JLF
330
2.00
0.30
A
3
HM76-20471JLF
470
2.50
0.20
A
3
HM76-20681JLF
680
3.50
0.10
A
3
HM76-20102JLF
1,000
6.00
0.05
A
3
Specifications (Case Size 10 and 20)
Schematics
Schematic A
Schematic B
Specifications (Case Size 30 and 40)
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
1
2
1
2
3
4
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C
• Operating Frequency
Up to 3MHz
HM76
Electrical / Environmental
Drum Core, Space Efficient High Performance
Surface Mount Inductors
RoHS
Compliant
Last Updated: 24 February 2010
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555


Similar Part No. - HM76

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76 BITECH-HM76 Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76-10100JLF BITECH-HM76-10100JLF Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76-10100JLF BITECH-HM76-10100JLF Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76-10101JLF BITECH-HM76-10101JLF Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76-10101JLF BITECH-HM76-10101JLF Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
More results

Similar Description - HM76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSS4832 ETC-DSS4832 Datasheet
126Kb / 1P
Surface Mount Drum Core Power Inductors
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Bi technologies
HM76 BITECH-HM76 Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Rhombus Industries Inc.
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
02-26-02
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
logo
Bi technologies
HM76 BITECH-HM76_15 Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com