Electronic Components Datasheet Search
  English  ▼

X  

HM77 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM77
Description  Low Profile Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM77 Datasheet(HTML) 2 Page - TT Electronics.

  HM77 Datasheet HTML 1Page - TT Electronics. HM77 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Profile Surface Mount Inductors
Model HM77
Outline Dimensions (Inch/mm) / Packaging
Case Size
A
B
C
D
E
F
G
Reel
Capacity Figure
1
.340
.340
.250 .260 .330
.270
.060
500
1
8.64
8.64
6.35 6.60 8.38
6.86
1.52
2
.447
.447
.350 .350 .425
.360
.060
350
1
11.35 11.35 8.89 8.89 10.80 9.14
1.52
3
.571
.571
.350 .450 .550
.460
.100
350
2
14.50 14.50 8.89 11.43 13.97 11.68 2.54
4
.625
.600
.360 .500 .580
.510
.100
200
2
15.88 15.24 9.14 12.70 14.73 12.95 2.54
5
.725
.585
.360 .610 .580
.610
.100
200
2
18.40 14.90 9.14 15.50 14.73 15.50 2.54
6
.805
.710
.445 .680 .690
.690
.100
150
2
20.40 18.03 11.30 17.27 17.53 17.53 2.54
7
.669
.669
.400 .560 .665
.560
.100
200
2
17.00 17.00 10.16 14.22 16.89 14.22 2.54
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
107
Ordering Information
Outline Dimensions (Inch/mm) / Packaging
Case Size
Model Series
Model Description
Tape & 13” Reel Packing
Lead-Free
HM77 - 100 01 LF TR
Figure 1
Figure 2
Coplanarity
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
Case size
A
B
C
D
E
F
G
Reel
Capacity
1
2
3
4
5
6
7
.340
8.64
.447
11.35
.571
14.50
.625
15.88
.725
18.40
.805
20.40
.669
17.00
500
350
350
200
200
150
200
1
1
2
2
2
2
2
Figure
.340
8.64
.447
11.35
.571
14.50
.600
15.24
.585
14.90
.710
18.03
.669
17.00
.250
6.35
.350
8.89
.350
8.89
.360
9.14
.360
9.14
.445
11.30
.400
10.16
.260
6.60
.350
8.89
.450
11.43
.500
12.70
.610
15.50
.680
17.27
.560
14.22
.330
8.38
.425
10.80
.550
13.97
.580
14.73
.580
14.73
.690
17.53
.665
16.89
.270
6.86
.360
9.14
.460
11.68
.510
12.95
.610
15.50
.690
17.53
.560
14.22
.060
1.52
.060
1.52
.100
2.54
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended
Solder Pad Layout
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
107
Ordering Information
Outline Dimensions (Inch/mm) / Packaging
Case Size
Model Series
Model Description
Tape & 13” Reel Packing
Lead-Free
HM77 - 100 01 LF TR
Figure 1
Figure 2
Coplanarity
Notes:
(1) For case size 1 to 6, the reel capacity is for part number ending with suffix ‘LFTR’.
(2) For case size 7, the reel capacity is for part number ending with suffix ‘ALFTR’
Case size
A
B
C
D
E
F
G
Reel
Capacity
1
2
3
4
5
6
7
.340
8.64
.447
11.35
.571
14.50
.625
15.88
.725
18.40
.805
20.40
.669
17.00
500
350
350
200
200
150
200
1
1
2
2
2
2
2
Figure
.340
8.64
.447
11.35
.571
14.50
.600
15.24
.585
14.90
.710
18.03
.669
17.00
.250
6.35
.350
8.89
.350
8.89
.360
9.14
.360
9.14
.445
11.30
.400
10.16
.260
6.60
.350
8.89
.450
11.43
.500
12.70
.610
15.50
.680
17.27
.560
14.22
.330
8.38
.425
10.80
.550
13.97
.580
14.73
.580
14.73
.690
17.53
.665
16.89
.270
6.86
.360
9.14
.460
11.68
.510
12.95
.610
15.50
.690
17.53
.560
14.22
.060
1.52
.060
1.52
.100
2.54
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended
Solder Pad Layout
HM77
- 100
01
LF
TR
Model Series
Model Description
Case Size
Tape & 13” Reel Packing
Lead Free
Ordering Information
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com