Electronic Components Datasheet Search
  English  ▼

X  

HM78D Datasheet(PDF) 1 Page - TT Electronics.

Part # HM78D
Description  Shielded Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM78D Datasheet(HTML) 1 Page - TT Electronics.

  HM78D Datasheet HTML 1Page - TT Electronics. HM78D Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Surface Mount Inductors
MODELS HM78D1210XXXMLF
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
TemperatureRise,Maximum40°C
IdealforSEPICapplications,highinductance,highefficiency
andexcellentcurrenthandlinginrugged,lowcostpart
UseasDC-DCconverterandinapplicationslikehandphones,CD/DVD
player,digitalcamera,GPSsystem.Alsousedastwosingleinductors
connectedseriesorparalleloras1:1transformer
RoHSCompliant
ElectricalSchematic
Specifications@25°C
Parallel mode
Autotransformer
and series modes
Coupled inductor,
transformer and
SEPIC modes
Leads connected in parallel
Leads connected in series
Part Number
L (μH)
DCR
Max (Ω)
Irated
(A)
Isat
(A)
Irms
(A)
L (μH)
DCR
Max (Ω)
Irated
(A)
Isat
(A)
Irms
(A)
HM78D-12104R7MLF
4.70±20%
0.014
10.60
18.00
7.559
18.80±25%
0.056
5.30
9.00
3.780
HM78D-12106R8MLF
6.80±20%
0.017
10.40
14.20
6.860
27.20±25%
0.068
5.20
7.10
3.430
HM78D-12108R2MLF
8.20±20%
0.018
9.50
12.85
6.667
32.80±25%
0.072
4.75
6.45
3.333
HM78D-1210100MLF
10.00±20%
0.020
8.60
11.75
6.325
41.12±25%
0.080
4.30
5.85
3.162
HM78D-1210220MLF
22.00±20%
0.040
5.40
8.20
4.472
88.00±25%
0.160
2.70
4.10
2.236
HM78D-1210330MLF
33.00±20%
0.050
4.50
6.60
4.000
132.00±25%
0.200
2.25
3.30
2.000
HM78D-1210470MLF
47.00±20%
0.065
3.70
5.50
3.508
188.00±25%
0.260
1.85
2.75
1.754
HM78D-1210560MLF
56.00±20%
0.081
3.28
4.90
3.143
224.00±25%
0.324
1.64
2.45
1.571
HM78D-1210680MLF
68.00±20%
0.098
2.96
4.45
2.857
272.00±25%
0.392
1.48
2.20
1.429
HM78D-1210101MLF
100.00±20%
0.128
2.54
3.70
2.500
400.00±25%
0.512
1.27
1.85
1.250
HM78D-1210121MLF
120.00±20%
0.170
2.38
3.40
2.169
480.00±25%
0.680
1.19
1.70
1.085
HM78D-1210331MLF
330.00±20%
0.440
1.32
2.10
1.348
1320.00±25%
1.760
0.66
1.05
0.674
HM78D-1210471MLF
470.00±20%
0.570
1.22
1.80
1.185
1880.00±25%
2.280
0.61
0.90
0.592
MechanicalOutline(mm)
Recommended PCB Patern
Notes : (1) Inductance is measured at 100kHz, 0.1Vrms, 0Adc.
(2) When leads connected in parallel, DCR is half the value. When lead connected in series, DCR is twice the value
(3) Isatcurrentisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitial(zeroDC)value.
(4) IrmsequalsDCcurrent,thatcausescomponenttoincreasebyapproximately 40°Cfrom25°Cambient.
(5) Iratedcurrentistheratedcurrentatwhichinductancerollsoffapproximately10%fromitsinitial(zeroDC)value.
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.03 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555


Similar Part No. - HM78D

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D-1210 TTELEC-HM78D-1210 Datasheet
798Kb / 2P
Shielded Surface Mount Inductors
10.20
logo
Bi technologies
HM78D-1210100MLF BITECH-HM78D-1210100MLF Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D-1210100MLF TTELEC-HM78D-1210100MLF Datasheet
614Kb / 4P
RoHS Compliant
HM78D-1210100MLF TTELEC-HM78D-1210100MLF Datasheet
798Kb / 2P
Shielded Surface Mount Inductors
10.20
More results

Similar Description - HM78D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
M1331-101K API-M1331-101K Datasheet
414Kb / 1P
Shielded Surface Mount Inductors
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com